Electronic Components Datasheet Search
  English  ▼

X  

LDS8680 Datasheet(PDF) 5 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 5 Page - IXYS Corporation

  LDS8680 Datasheet HTML 1Page - IXYS Corporation LDS8680 Datasheet HTML 2Page - IXYS Corporation LDS8680 Datasheet HTML 3Page - IXYS Corporation LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
5
Doc. No. 8680_DS, Rev. N1.0
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 800 mA (2 LEDs at 400mA), CIN = C1= 1μF, COUT = 2 μF, TAMB = 25°C unless otherwise specified
Power-Up in 1-x mode
VIN = 4.2 V, Ch1 – EN/SET, Ch2 – LED current (400 mA/div),
Ch3 – Output voltage
Power-Up in 2-x Mode
VIN = 3.6 V, Ch1 –EN/SET, Ch2 – LED current (400 mA/div),
Ch3 – Output voltage
Operating Waveforms at 1kHz PWM mode
10% Duty Cycle
VIN = 4.2 V, Ch1 – EN/SET, Ch2 – LED current (400 mA/div)
Operating Waveforms at 1kHz PWM mode
90% Duty Cycle
VIN = 4.2 V, Ch1 –EN/SET, Ch2 – LED current (400 mA/div)
LED Current Setting Error vs. Duty Cycle
in PWM Mode
Power-Down Delay (1-x Mode)
VIN = 4.2 V, Ch1 – PWM, Ch2 – LED current (400 mA/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com