Electronic Components Datasheet Search
  English  ▼

X  

LDS8680 Datasheet(PDF) 8 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation LDS8680 Datasheet HTML 10Page - IXYS Corporation LDS8680 Datasheet HTML 11Page - IXYS Corporation LDS8680 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
8
Doc. No. 8680_DS, Rev. N1.0
Characteristics subject to change without notice
drop Vd across PCR at every channel in ON state. If
this voltage falls below 150 mV (typical) at any one
channel, (channel with LED with highest forward
voltage), the Mode Control Block changes charge
pump mode to the next multiplication ratio.
Vd (LEDA/B) = VIN x M – VF – Rcp x IOUT, where Rcp
is a Charge Pump Output Resistance at given mode,
IOUT is sum of all LED currents, and M is a charge
pump’ multiplication ratio.
If the input voltage is insufficient or falls to a level
where Vd
≤150 mV, and the regulated currents
cannot be maintained, the low dropout PowerLite
™
Current Regulator switches the charge pump into 2-x
mode (after a fixed delay time of about 800
μs). In 2-x
mode,
the
charge
pump’
output
voltage
is
approximately equal to 2 times the input supply
voltage (less any internal voltage losses).
LED Current Setting
The current in each of the two LED channels is
programmable
through
the
Smart
OneWire
™
EN/SET digital control input. By pulsing this signal
according to a shown above protocol, a set of internal
registers can be addressed and written into allowing
to configure each of LEDs with the desired current.
See
recommended
commands
at
the
Table
“CURRENT SETTING COMMANDS”
Unused LED Channels
For applications with only one LED, unused LED can
be disabled via the register internally and connect to
VOUT.
Protection Modes
The LDS8680 has follow protection modes:
1. LED short to VOUT protection
If LED pin is shorted to VOUT, LED burned out
becomes as short circuit, or LED pin voltage is within
from
VOUT to
(VOUT
-
1.5V)
range,
LDS8680
recognizes this condition as “LED Short” and disables
this channel. If LED pin voltage is less than (Vout –
1.5V),
LDS8680
restores
LED
current
at
this
particular channel to programmed value.
2. VOUT Over-Voltage Protection
The charge pump’ output voltage VOUT automatically
limits at about 6.2 V maximum. This is to prevent the
output pin from exceeding its absolute maximum
rating.
3. VOUT Short Circuit Protection
If VOUT is shorted to ground before LDS8680 is
enabled, input current may increase up to 1 A within
20 µs after enable and is limited to ~ 90 mA after
that.
4. Over-Temperature Protection
If the die temperature exceeds +160°C, the driver will
enter
shutdown
mode.
Device
restores
normal
operation after die temperature falls below 135°C.
5. Input Voltage Under-Voltage Lockout
If VIN falls below 2.3 V but above 1.7 V (typical value),
LDS8680 will restart when input voltage rises above
2.3 V called lockout mode. If VIN continues fall below
1.7 V, LDS8680 device will enter shutdown mode and
reset all data register. To restart device, set EN/SET
pin logic low for more than 50 ms and program new
ILED current value using Smart OneWire™ interface.
6. Open LED Definition
When LED becomes an open circuit, device will enter
into 2-x mode. Unless this unused LED channel was
disabled via Smart OneWire
™ commands.
7. LED protection
LDS8680 uses timeout ~250 ms to protect LEDs from
thermal damage at currents above 200 mA. This
function may be disabled in command mode.
LED Selection
If the power source is a Li-ion battery, LEDs with
lowest forward voltages are recommended to achieve
highest efficiency and extended operation on a single
battery charge.
LEDs with forward voltages (VF) ranging from 1.6 V to
4 V may be used. Charge pump operates in highest
efficiency when VF voltage is close to VIN voltage
multiplied by switching mode, i.e. VIN x 1 or VIN x 2
External Components
The driver requires three external ceramic capacitors
(C1, CIN, and COUT) X5R or X7R type. In 2-x charge
pump mode, the input current ripple is very low, and
an input bypass capacitor of 1µF is sufficient.
In 1-x mode, the device operates in linear mode and
does not introduce switching noise back onto the
supply.
Recommended Layout
In charge pump mode, the driver switches internally
at a high frequency. It is recommended to minimize
trace length to all capacitors. A ground plane should
cover the area under the driver IC as well as the
bypass capacitors. Short connection to ground on
capacitors CIN and COUT can be implemented with the
use of multiple via. A copper area matching the
TDFN exposed pad (PAD) must be connected to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com