Electronic Components Datasheet Search
  English  ▼

X  

AD5675 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5675
Description  Octal, 16-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 1 Page - Analog Devices

  AD5675 Datasheet HTML 1Page - Analog Devices AD5675 Datasheet HTML 2Page - Analog Devices AD5675 Datasheet HTML 3Page - Analog Devices AD5675 Datasheet HTML 4Page - Analog Devices AD5675 Datasheet HTML 5Page - Analog Devices AD5675 Datasheet HTML 6Page - Analog Devices AD5675 Datasheet HTML 7Page - Analog Devices AD5675 Datasheet HTML 8Page - Analog Devices AD5675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Octal, 16-Bit nanoDAC+
with I2C Interface
Data Sheet
AD5675
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance
High relative accuracy (INL): ±3 LSB maximum at 16 bits
Total unadjusted error (TUE): ±0.14% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.06% of FSR maximum
Wide operating ranges
−40°C to +125°C temperature range
2.7 V to 5.5 V power supply
Easy implementation
User selectable gain of 1 or 2 (GAIN pin/bit)
1.8 V logic compatibility
I2C-compatible serial interface
20-lead TSSOP and LFCSP RoHS-compliant packages
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (PLC input/output cards)
Industrial automation
Data acquisition systems
GENERAL DESCRIPTION
The AD5675 is a low power, octal, 16-bit buffered voltage output
digital-to-analog converter (DAC). The device includes a gain
select pin, giving a full-scale output of VREF (gain = 1) or 2 ×
VREF (gain = 2). The device operates from a single 2.7 V to 5.5 V
supply and is guaranteed monotonic by design. The AD5675 is
available in 20-lead TSSOP and LFCSP packages. The power-on
reset circuit and a RSTSEL pin ensure that the output DACs power
up to zero scale or midscale and remain there until a valid write
takes place. The AD5675 contains a power-down mode, reducing
the current consumption to 1 µA typical while in power-down
mode. The AD5675 uses a versatile 2-wire serial interface that
operates at clock rates up to 400 kHz, and includes a VLOGIC pin
intended for 1.62 V to 5.5 V logic.
Table 1. Octal nanoDAC+® Devices
Interface
Reference
16-Bit
12-Bit
SPI
Internal
AD5676R
AD5672R
External
AD5676
Not applicable
I2C
Internal
AD5675R
AD5671R
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
A0
A1
GND
VOUT7
LDAC
SDA
SCL
AD5675
RESET
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
DAC
REGISTER
STRING
DAC 0
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 1
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 2
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 3
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 4
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 5
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 6
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 7
BUFFER
GAIN
POWER-DOWN
LOGIC
POWER-ON
RESET
VLOGIC
VDD
VREF
RSTSEL
GAIN
×1/×2
Figure 1.


Similar Part No. - AD5675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
Base station power amplifiers
Rev. B
AD5675 AD-AD5675 Datasheet
1Mb / 28P
Easy implementation
Rev. B
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
884Kb / 27P
Base station power amplifiers
Rev. B
AD5675ARUZ AD-AD5675ARUZ Datasheet
884Kb / 27P
Base station power amplifiers
Rev. B
AD5675ARUZ-REEL7 AD-AD5675ARUZ-REEL7 Datasheet
884Kb / 27P
Base station power amplifiers
Rev. B
More results

Similar Description - AD5675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
16-Bit nanoDAC in a SOT-23
REV. A
AD5672R AD-AD5672R Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5683R AD-AD5683R Datasheet
882Kb / 28P
Tiny 16-/14-/12-Bit SPI nanoDAC
12/2016-Rev. C to Rev. D
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
Dual, 16-/12-Bit nanoDAC
7/2017-Rev. A to Rev. B
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
Dual, 16-/12-Bit nanoDAC
3/2017-Rev. A to Rev. B
AD5686 AD-AD5686 Datasheet
746Kb / 27P
Quad, 16-/12-Bit nanoDAC
6/2017-Rev. B to Rev. C
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com