Electronic Components Datasheet Search
  English  ▼

X  

AD5675 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5675
Description  Octal, 16-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5675 Datasheet HTML 16Page - Analog Devices AD5675 Datasheet HTML 17Page - Analog Devices AD5675 Datasheet HTML 18Page - Analog Devices AD5675 Datasheet HTML 19Page - Analog Devices AD5675 Datasheet HTML 20Page - Analog Devices AD5675 Datasheet HTML 21Page - Analog Devices AD5675 Datasheet HTML 22Page - Analog Devices AD5675 Datasheet HTML 23Page - Analog Devices AD5675 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
AD5675
Data Sheet
Rev. C | Page 20 of 27
WRITE AND UPDATE COMMANDS
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to the dedicated input
register of each DAC individually. When LDAC is low, the input
register is transparent, if not controlled by the LDAC mask register.
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers and outputs with the
contents of the selected input registers and updates the DAC
outputs directly. Data Bit D7 to Bit D0 determine which DACs
have data from the input register transferred to the DAC
register. Setting a bit to 1 transfers data from the input register
to the appropriate DAC register.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers
and updates the DAC outputs directly. The DAC address bits
are used to select the DAC channel.
I2C SLAVE ADDRESS
The AD5675 has a 7-bit I2C slave address. The five MSBs are
00011, and the two LSBs (A1 and A0) are set by the state of the
A1 and A0 address pins. The ability to make hardwired changes to
A1 and A0 allows the user to incorporate up to four AD5675
devices on one bus (see Table 11).
Table 11. Device Address Selection
A1 Pin Connection
A0 Pin Connection
A1
A0
GND
GND
0
0
GND
VLOGIC
0
1
VLOGIC
GND
1
0
VLOGIC
VLOGIC
1
1
SERIAL OPERATION
The 2-wire I2C serial bus protocol operates as follows:
1. The master initiates a data transfer by establishing a start
condition when a high to low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address.
2. The slave device with the transmitted address responds by
pulling SDA low during the ninth clock pulse (this is called
the acknowledge bit, or ACK). At this stage, all other
devices on the bus remain idle while the selected device waits
for data to be written to or read from its input shift register.
3. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
Transitions on the SDA line must occur during the low period
of SCL; SDA must remain stable during the high period of SCL.
4. After all data bits are read or written, a stop condition is
established. In write mode, the master pulls the SDA line high
during the 10th clock pulse to establish a stop condition. In
read mode, the master issues a no acknowledge (NACK)
for the ninth clock pulse (that is, the SDA line remains
high). The master then brings the SDA line low before the
10th clock pulse, and then high again during the 10th clock
pulse to establish a stop condition.
WRITE OPERATION
When writing to the AD5675, begin with a start command
followed by an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. The AD5675 require two bytes of data for the DAC, and a
command byte that controls various DAC functions. Three bytes
of data must, therefore, be written to the DAC with the command
byte followed by the most significant data byte and the least
significant data byte, as shown in Figure 43. All these data bytes
are acknowledged by the AD5675. A stop condition follows.
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
9
9
1
SCL
START BY
MASTER
ACK BY
AD5675
ACK BY
AD5675
SDA
R/W
DB23
A0
A1
1
0
0
0
1
DB22 DB21
DB20
DB19 DB18
DB17
DB16
1
9
9
1
ACK BY
AD5675
ACK BY
AD5675
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14
DB13 DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 43. I2C Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com