Electronic Components Datasheet Search
  English  ▼

X  

AD5766 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5766 Datasheet HTML 28Page - Analog Devices AD5766 Datasheet HTML 29Page - Analog Devices AD5766 Datasheet HTML 30Page - Analog Devices AD5766 Datasheet HTML 31Page - Analog Devices AD5766 Datasheet HTML 32Page - Analog Devices AD5766 Datasheet HTML 33Page - Analog Devices AD5766 Datasheet HTML 34Page - Analog Devices AD5766 Datasheet HTML 35Page - Analog Devices AD5766 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 32 of 43
SERIAL INTERFACE
The AD5766/AD5767 4-wire (SYNC, SCLK, SDI, and SDO)
interface is compatible with SPI, QSPI, and MICROWIRE
interface standards as well as most digital signal processors
(DSPs). The write sequence begins after bringing the SYNC line
low, maintaining this line low until the complete data-word is
loaded from the SDI pin. Data is loaded into the AD5766/AD5767
at the SCLK falling edge transition (see Figure 2). When a rising
edge is detected on SYNC, the serial data-word is decoded
according to the instructions in Table 10. The command must
be a multiple of 24; otherwise, the device ignores the command.
The AD5766/AD5767 contain an SDO pin to allow the user to
daisy-chain multiple devices together or to read back the
contents of the status register.
Readback Operation
The contents of the status registers can be read back via the
SDO pin. Figure 4 shows how the registers are decoded. After a
register has been addressed for a read, the next 24 clock cycles
clock the data out on the SDO pin. The clocks must be applied
while SYNC is low. For a read of a single register, the no
operation (NOP) function clocks out the data. Alternatively, if
more than one register is to be read, the data of the first register
to be addressed clocks out at the same time that the second
register to be read is being addressed.
Daisy-Chain Operation
Daisy chaining minimizes the number of port pins required
from the controlling IC. As shown in Figure 72, the SDO pin of
one package must be tied to the SDI pin of the next package. To
enable daisy-chain mode, the DC_EN bit in Table 15 must be
high. When two AD5766/AD5767 devices are daisy-chained,
48 bits of data are required. The first 24 bits are assigned to U2,
and the second 24 bits are assigned to U1, as shown in Figure 72.
Keep the SYNC pin low until all 48 bits are clocked into their
respective serial registers.
The SYNC pin is then pulled high to complete the operation.
To prevent data from mislocking (for example, due to noise) the
device includes an internal counter; if the SCLK falling edges
count is not a multiple of 24, the device ignores the command.
A valid clock count is 24, 48, 72, and so on. The counter resets
when SYNC returns high.
Daisy-chain mode is disabled by default and is enabled using
the daisy-chain control register (see Table 15).
AD5766/
AD5767
SDI
SYNC SCLK
SCLK
SDO
U1
AD5766/
AD5767
SDI
SYNC
SCLK
SDO
U2
MICROCONTROLLER
MOSI
MISO
SS
Figure 72. Daisy-Chain Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com