Electronic Components Datasheet Search
  English  ▼

X  

AD5766 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5766 Datasheet HTML 13Page - Analog Devices AD5766 Datasheet HTML 14Page - Analog Devices AD5766 Datasheet HTML 15Page - Analog Devices AD5766 Datasheet HTML 16Page - Analog Devices AD5766 Datasheet HTML 17Page - Analog Devices AD5766 Datasheet HTML 18Page - Analog Devices AD5766 Datasheet HTML 19Page - Analog Devices AD5766 Datasheet HTML 20Page - Analog Devices AD5766 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 17 of 43
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
CODE
AVDD/AVSS = RANGE ±2V
AVCC = 3.3V
TA = 25°C
–20V TO 0V RANGE
–16V TO 0V RANGE
–10V TO 0V RANGE
Figure 13. AD5766 DNL Error vs. DAC Code (Unipolar Outputs)
0
4000
2500
1000
3500
1500
3000
2000
500
0.05
–0.04
0.03
0.04
0.02
0
0.01
–0.02
–0.03
–0.01
–0.05
CODE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
–20V TO 0V RANGE
–16V TO 0V RANGE
–10V TO 0V RANGE
Figure 14. AD5767 DNL Error vs. DAC Code (Unipolar Outputs)
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
CODE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
DITHER ENABLED
–20V TO 0V RANGE
–16V TO 0V RANGE
–10V TO 0V RANGE
Figure 15. Total Unadjusted Error (TUE) vs. DAC Code (Unipolar Outputs)
–0.16
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
CODE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
DITHER ENABLED
±5V RANGE
±10V RANGE
–16V TO +10V RANGE
–10V TO +6V RANGE
–12V TO +14V RANGE
Figure 16. Total Unadjusted Error (TUE) vs. DAC Code (Bipolar Outputs)
0.8
–0.4
0.2
0.6
0.4
0
–0.2
–0.6
–40
100
60
0
20
80
40
–20
TEMPERATURE (°C)
MIN INL
MAX INL
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
±5V RANGE
Figure 17. INL Error vs. Temperature
–40
100
60
0
20
80
40
–20
0.06
–0.04
0.02
0.04
0
–0.02
–0.06
TEMPERATURE (°C)
MIN INL
MAX INL
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
±5V RANGE
Figure 18. DNL Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com