Electronic Components Datasheet Search
  English  ▼

X  

AD5766 Datasheet(PDF) 40 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5766 Datasheet HTML 35Page - Analog Devices AD5766 Datasheet HTML 36Page - Analog Devices AD5766 Datasheet HTML 37Page - Analog Devices AD5766 Datasheet HTML 38Page - Analog Devices AD5766 Datasheet HTML 39Page - Analog Devices AD5766 Datasheet HTML 40Page - Analog Devices AD5766 Datasheet HTML 41Page - Analog Devices AD5766 Datasheet HTML 42Page - Analog Devices AD5766 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 40 of 43
APPLICATIONS INFORMATION
DITHER CONFIGURATION
The AD5766/AD5767 contain two dither input pins to allow dither
tone signals to be coupled to any of the 16 DAC output channels.
Operate the AD5766/AD5767 using the dither functionality to
minimize the transient amplitude seen on the DAC outputs when
the dither functionality is enabled or disabled. The recommended
configuration of the dither functionality is as follows:
1.
After the AD5766/AD5767 power up, the input dither
signals must be configured by writing to the dither scale
register and the invert dither register if required.
2.
Configure the AD5766/AD5767 in normal operating mode
before applying dither by programming the span register.
3.
Write to the apply N0 or N1 dither signal to DACs register
to couple the N0/N1 input dither signals to any DAC
output, VOUTx.
Enabling the dither feature on a channel can increase its
sensitivity to digital feedthrough.
THERMAL CONSIDERATIONS
Up to ±20 mA can be sourced from each channel on the
AD5766/AD5767; thus, it is important to understand the effects
of power dissipation on the package and its effects on junction
temperature. The internal junction temperature must not
exceed 150°C. The AD5766/AD5767 are packaged in a 49-ball,
4 mm × 4mm WLCSP and a 40-lead 6 mm × 6 mm LFCSP
package. The thermal impedance, θJA, is specified in the
Absolute Maximum Ratings section. It is important that the
device is not operated under conditions that cause the junction
temperature to exceed the maximum temperature specified in
the Absolute Maximum Ratings section.
The Thermal Calculation Example (WLCSP) section details
how to calculate the die temperature and maximum permitted
ambient temperature. The quiescent current of the AVDD, AVSS,
AVCC, and VLOGIC pins must also be included in the calculation
of the junction temperature. These calculations use the typical
supply currents specified in Table 1.
Thermal Calculation Example (WLCSP)
For this thermal calculation example, all 16 channels are
enabled with the ±10 V output voltage range used. Each channel
is drawing 2 mA for a +1V output voltage.
AVDD = Span + 2 V = 12 V
AVSS = Span − 2 V = −12 V
AVCC = VLOGIC = 3.3 V
where Span is the output voltage range, ±10 V.
The current required to supply 16 channels (output power) is
2 mA × 16 = 32 mA
The power required on the AVDD rail for the AD5766/AD5767
to supply the 16 channels and 6 mA typical supply current is
12 V × (32 mA + 6 mA) = 0.456 W
Next, add power dissipated by the AVSS, AVCC, and VLOGIC rails
(input power) as follows:
0.456 W + (−12 V × −9 mA) + (3.3 V × 8.3 mA) + (3.3 V ×
0.02 μA) = 0.59 W
To calculate the power dissipated by the AD5766/AD5767, use
the following equation:
PDISS = Input Power − Output Power
For example,
0.59 W − (32 mA × 1 V) = 0.558 W
Then, calculate the die temperature,
0.558 W × 53°C/W = 29.57°C
Using the following equation to calculate the maximum
permitted ambient temperature:
TA MAX = TJ MAX − Die Temperature
For example,
150°C − 29.57° = 120°C
The θJA specification assumes that proper layout and grounding
techniques are followed to minimize power dissipation, as
outlined in the Layout Guidelines section
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5766/AD5767 is via a
serial bus that uses a standard protocol compatible with DSPs
and microcontrollers. The communications channel requires a
4-wire serial interface consisting of a clock signal, a data input
signal, a data output signal, and a synchronization signal. The
device requires a 24-bit data-word with data valid on the falling
edge of SCLK.
AD5766/AD5767 TO SPI INTERFACE
The SPI interface of the AD5766/AD5767 is designed to be easily
connected to industry-standard DSPs and microcontrollers.
Figure 74 shows the AD5766/AD5767 connected to the Analog
Devices, Inc., ADSP-BF531 Blackfin® DSP. The Blackfin has an
integrated SPI port that can be connected directly to the SPI
pins of the AD5766/AD5767.
ADSP-BF531
AD5766/AD5767
SYNC
SPISELx
SCLK
SCK
DIN
MOSI
SDO
MISO
RESET
PF8
Figure 74. ADSP-BF531 SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com