Electronic Components Datasheet Search
  English  ▼

X  

AD5766 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5766 Datasheet HTML 15Page - Analog Devices AD5766 Datasheet HTML 16Page - Analog Devices AD5766 Datasheet HTML 17Page - Analog Devices AD5766 Datasheet HTML 18Page - Analog Devices AD5766 Datasheet HTML 19Page - Analog Devices AD5766 Datasheet HTML 20Page - Analog Devices AD5766 Datasheet HTML 21Page - Analog Devices AD5766 Datasheet HTML 22Page - Analog Devices AD5766 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 19 of 43
6
–4
2
4
0
–2
–6
–20
50
30
0
10
40
20
–10
TIME (µs)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
Figure 25. Full-Scale Settling Time (Rising Voltage Step)
6
–4
2
4
0
–2
–6
–20
50
30
0
10
40
20
–10
TIME (µs)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
Figure 26. Full-Scale Settling Time (Falling Voltage Step)
20
–10
5
15
10
0
–5
–15
–0.06
0.06
0.04
–0.02
0
0.02
–0.04
VOUT CURRENT OUTPUT (A)
–12V TO +14V
–20V TO 0V
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
Figure 27. Source and Sink Capability of Output Amplifier
0.05
–0.10
–0.09
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
–20
60
50
30
0
10
40
20
–10
TIME (µs)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
10nF
1nF
Figure 28. Output Voltage (VOUT) vs. Settling Time at Various Capacitive Loads
0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
12
14
16
18
20
OUTPUT CURRENT (mA)
AVCC = 3.3V
CODE: FULL-SCALE
TA = 25°C
Figure 29. Headroom vs. Output Current
–1.0
–0.8
–0.6
–0.4
–0.2
0
–20
–18 –16 –14 –12
–10
–8
–6
–4
–2
0
OUTPUT CURRENT (mA)
AVCC = 3.3V
CODE: ZERO SCALE
TA = 25°C
Figure 30. Footroom vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com