Electronic Components Datasheet Search
  English  ▼

X  

AD5766 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5766 Datasheet HTML 9Page - Analog Devices AD5766 Datasheet HTML 10Page - Analog Devices AD5766 Datasheet HTML 11Page - Analog Devices AD5766 Datasheet HTML 12Page - Analog Devices AD5766 Datasheet HTML 13Page - Analog Devices AD5766 Datasheet HTML 14Page - Analog Devices AD5766 Datasheet HTML 15Page - Analog Devices AD5766 Datasheet HTML 16Page - Analog Devices AD5766 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 13 of 43
Pin No.
Mnemonic
Description
B5
VOUT7
Analog Output Voltage from DAC 7.
F5
VOUT8
Analog Output Voltage from DAC 8.
G6
VOUT9
Analog Output Voltage from DAC 9.
G5
VOUT10
Analog Output Voltage from DAC 10.
G4
VOUT11
Analog Output Voltage from DAC 11.
F4
VOUT12
Analog Output Voltage from DAC 12.
G3
VOUT13
Analog Output Voltage from DAC 13.
G2
VOUT14
Analog Output Voltage from DAC 14.
F3
VOUT15
Analog Output Voltage from DAC 15.
Power Supplies and
Reference Input
F2
VREF
Reference Input Voltage. For specified performance, VREFIN = 2.5 V.
C6
VLOGIC
Digital Power Supply.
B1
AVCC
Power Supply Input. The AD5766/AD5767 operates from 2.97 V to 3.6 V. Decouple AVCC with a
10 µF capacitor in parallel with a 0.1 µF capacitor to analog ground.
D1
AVDD
Output Amplifier Positive Analog Supply.
D7
AVSS
Output Amplifier Negative Analog Supply.
B2, F6
AGND
Analog Ground.
B6
DGND
Digital Ground Pin.
Channel Monitoring
C1
MUX_OUT
Monitor Output. This pin acts as the output of a 16-to-1 channel multiplexer that can be
programmed to multiplex one of 16 channels, Channel 0 to Channel 15, to the MUX_OUT pin.
Do Not Connect
A1, A7, C5, G1, G7
DNC
Do Not Connect. Do not connect to these pins.
No Internal Connection
C2 to C4, D2 to D6,
E2 to E5
NIC
No Internal Connection. Route these pins to thermal vias on the PCB to aid with heat
dissipation. Connect these pins to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com