Electronic Components Datasheet Search
  English  ▼

X  

AD5766 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5766 Datasheet HTML 19Page - Analog Devices AD5766 Datasheet HTML 20Page - Analog Devices AD5766 Datasheet HTML 21Page - Analog Devices AD5766 Datasheet HTML 22Page - Analog Devices AD5766 Datasheet HTML 23Page - Analog Devices AD5766 Datasheet HTML 24Page - Analog Devices AD5766 Datasheet HTML 25Page - Analog Devices AD5766 Datasheet HTML 26Page - Analog Devices AD5766 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 23 of 43
4.1
4.0
3.9
3.8
3.7
3.6
3.5
2.9
3.0
3.1
3.2
3.3
3.4
3.6
3.5
AVCC (V)
Figure 49. Supply Current (AICC) vs. Supply Voltage (AVCC)
5.70
5.75
5.80
5.85
5.90
5.95
6.00
6.05
6.10
6.15
6.20
6.25
6.30
9.5
10.0
10.5
11.0
11.5
12.0
12.5
AVDD (V)
±10V RANGE
AVDD = RANGE TO RANGE +2V
Figure 50. Supply Current (AIDD) vs. Supply Voltage (AVDD)
–7.20
–7.15
–7.10
–7.05
–7.00
–6.95
–6.90
–6.85
–6.80
–6.75
–6.70
–12.5
–12.0
–11.5
–11.0
–10.5
–10.0
–9.5
AVSS (V)
±10V RANGE
AVSS = RANGE –2V TO RANGE
Figure 51. Supply Current (AISS) vs. Supply Voltage (AVSS)
5.60
5.62
5.64
5.66
5.68
5.70
5.72
0
10000
20000
30000
40000
50000
60000
CODE
±10V RANGE
Figure 52. Supply Current (AICC) vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com