| Electronic Components Datasheet Search |
|
LTC3418 Datasheet(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3418 Datasheet(HTML) 12 Page - Linear Technology |
|
12 / 20 page ![]() 12 LTC3418 3418f The output voltage during tracking can be calculated with the following equation: VV R R VV OUT TRACK TRACK =+ ⎛ ⎝ ⎜ ⎞ ⎠ ⎟ < 1 2 1 08 ,. To implement the coincident tracking in Figure 2a, con- nect an extra resistor divider to the output of VOUT2 and connect its midpoint to the TRACK pin of the LTC3418 as shown in Figure 3a. The ratio of this divider should be selected the same as that of VOUT1’s resistor divider. To implement the ratiometric sequencing in Figure 2b, no extra resistor divider is necessary. Simply connect the TRACK pin to VFB2, as shown in Figure 3b. as shown in Typical Application on the front page of this data sheet. The soft-start duration can be calculated by using the following formula: tR C In V VV Seconds SS SS SS IN IN = [] •• –. 18 When the voltage on the RUN/SS pin is raised above 2V, the full current range becomes available on ITH. Efficiency Considerations The efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Efficiency can be expressed as: Efficiency = 100% – (L1 + L2 + L3 + ...) where L1, L2, etc. are the individual losses as a percentage of input power. Although all dissipative elements in the circuit produce losses, two main sources usually account for most of the losses: VIN quiescent current and I2R losses. The VIN quiescent current loss dominates the efficiency loss at very low load currents whereas the I2R loss dominates the efficiency loss at medium to high load currents. In a typical efficiency plot, the efficiency curve at very low load currents can be misleading since the actual power lost is of no consequence. 1. The VIN quiescent current is due to two components: the DC bias current as given in the Electrical Characteristics and the internal main switch and synchronous switch gate charge currents. The gate charge current results from switching the gate capacitance of the internal power MOSFET switches. Each time the gate is switched from high to low to high again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is the current out of VIN that is typically larger than the DC bias current. In continuous mode, IGATECHG = f(QT + QB) where QT and QB are the gate charges of the internal top and bottom switches. Both the DC bias and gate charge losses are proportional to VIN and thus their effects will be more pronounced at higher supply voltages. APPLICATIO S I FOR ATIO R4 R2 (3a) Coincident Setup (3b) Ratiometric Setup R3 R1 VOUT2 (MASTER) VOUT2 (MASTER) TRACK PIN VFB(MASTER) PIN TRACK PIN R2 R1 VFB(MASTER) 3418 F03 Figure 3 Frequency Synchronization The LTC3418’s internal oscillator can be synchronized to an external clock signal. During synchronization, the top MOSFET turn-on is locked to the falling edge of the external frequency source. The synchronization frequency range is 300kHz to 4MHz. Synchronization only occurs if the external frequency is greater than the frequency set by the external resistor. Because slope compensation is generated by the oscillator’s RC circuit, the external fre- quency should be set 25% higher than the frequency set by the external resistor to ensure that adequate slope compensation is present. Soft-Start The RUN/SS pin provides a means to shut down the LTC3418 as well as a timer for soft-start. Pulling the RUN/ SS pin below 0.5V places the LTC3418 in a low quiescent current shutdown state (IQ < 1.5µA). The LTC3418 contains a soft-start clamp that can be set externally with a resistor and capacitor on the RUN/SS pin |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |