Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC3418
3418f
TYPICAL APPLICATIO S
1.8V, 8A Step-Down Regulator with Tracking
TRACK
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
SVIN
PGOOD
SYNC/MODE
RUN/SS
ITH
RT
SGND
PGND
PGND
PGND
1
2
11
12
20
21
30
31
25
16
38
37
36
34
33
32
19
18
17
35
3
4
9
10
22
23
29
28
24
5
27
7
26
6
8
13
14
15
SW
SW
SW
SW
SW
SW
SW
SW
VFB
VREF
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
LTC3418
L1
0.2µH
C1
1000pF
X7R
COUT
100µF
×2
CIN
100µF
×4
CSVIN
1µF
X7R
VIN
3.3V
VOUT
1.8V
8A
R1
2.55k
RSS
2.2M
RPG
100k
CSS
1000pF
X7R
CITH
2200pF
X7R
RITH
3.32k
RSVIN
100Ω
ROSC 69.8k
R2
2k
C1
47pF
X7R
CREF
2.2µF
X7R
VREF
3418 TA04
CIN, COUT: TDK C3225X5R0J107M
L1: VISHAY DALE IHLP-2525CZ-01
R4
2k
R3
2.55k
2.5V
I/O SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com