Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC3418
3418f
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0205 1K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1616
500mA (IOUT), 1.4MHz, High Efficiency Step-Down
90% Efficiency, VIN: 3.6V to 25V, VOUT = 1.25V,
DC/DC Converter
IQ = 1.9mA, ISD < 1µA, ThinSOT Package
LT1676
450mA (IOUT), 100kHz, High Efficiency Step-Down
90% Efficiency, VIN: 7.4V to 60V, VOUT = 1.24V,
DC/DC Converter
IQ = 3.2mA, ISD < 2.5µA, S8 Package
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency Step-Down
90% Efficiency, VIN: 3V to 25V, VOUT = 1.2V,
DC/DC Converter
IQ = 1mA, ISD < 15µA, S8, TSSOP16E Packages
LTC1879
1.20A (IOUT), 550kHz, Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 10V, VOUT = 0.8V,
DC/DC Converter
IQ = 15µA, ISD < 1µA, TSSOP16 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.75V to 6V, VOUT = 0.8V,
DC/DC Converter
IQ = 20µA, ISD < 1µA, ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V,
DC/DC Converter
IQ = 20µA, ISD < 1µA, ThinSOT Package
LTC3407
Dual 600mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V,
DC/DC Converter
IQ = 40µA, ISD < 1µA, MS Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V,
DC/DC Converter
IQ = 60µA, ISD < 1µA, MS Package
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V
DC/DC Converter
IQ = 60µA, ISD < 1µA, TSSOP16E Package
LTC3413
3A (IOUT Sink/source), 2MHz, Monolithic Synchronous
90% Efficiency, VIN: 2.25V to 5.5V, VOUT = VREF/2,
Regulator for DDR/QDR Memory Termination
IQ = 280µA, ISD < 1µA, TSSOP16E Package
LTC3414
4A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V,
DC/DC Converter
IQ = 64µA, ISD < 1µA, TSSOP20E Package
LTC3416
4A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V,
DC/DC Converter with Tracking
IQ = 300µA, ISD < 1µA, TSSOP20E Package
Low Noise 1.5V, 8A Step-Down Regulator
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
SVIN
TRACK
PGOOD
RUN/SS
ITH
RT
SYNC/MODE
SGND
PGND
PGND
PGND
1
2
11
12
20
21
30
31
25
16
38
37
36
34
33
32
19
18
17
3
4
9
10
22
23
28
29
24
35
5
7
26
6
27
8
13
14
15
SW
SW
SW
SW
SW
SW
SW
SW
VFB
VREF
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
LTC3418
L1
0.2µH
C1
1000pF
X7R
COUT
100µF
×3
CIN
100µF
×4
CSVIN
1µF
X7R
VIN
2.5V
VOUT
1.5V
8A
R1
1.78k
RPG
100k
RSS
2.2M
CSS
1000pF
X7R
CITH
2200pF
X7R
RITH
3.32k
RSVIN
100Ω
ROSC 69.8k
R2
2k
C1
47pF
X7R
CREF
2.2µF
X7R
VREF
3418 TA05
CIN, COUT: TDK C3225X5R0J107M
L1: VISHAY DALE IHLP-2525CZ-01
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com