Electronic Components Datasheet Search
  English  ▼

X  

LTC2633 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2633 Datasheet HTML 3Page - Analog Devices LTC2633 Datasheet HTML 4Page - Analog Devices LTC2633 Datasheet HTML 5Page - Analog Devices LTC2633 Datasheet HTML 6Page - Analog Devices LTC2633 Datasheet HTML 7Page - Analog Devices LTC2633 Datasheet HTML 8Page - Analog Devices LTC2633 Datasheet HTML 9Page - Analog Devices LTC2633 Datasheet HTML 10Page - Analog Devices LTC2633 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2633
7
2633fc
For more information www.linear.com/LTC2633
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 4.096
V
V
PSR
Power Supply Rejection
VCC = 5V ± 10%
–80
dB
ISC
Short Circuit Output Current (Note 5)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero Scale; VOUT shorted to VCC
Full Scale; VOUT shorted to GND
l
l
27
–28
48
–48
mA
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
4.5
5.5
V
ICC
Supply Current (Note 6)
VCC = 5V, VREF =4.096V, External Reference
VCC = 5V, Internal Reference
l
l
0.4
0.5
0.6
0.7
mA
mA
ISD
Supply Current in Power-Down Mode
(Note 6)
VCC = 5V
l
0.5
2
µA
Reference Input
Input Voltage Range
l
1
VCC
V
Resistance
l
120
160
200
kΩ
Capacitance
12
pF
IREF
Reference Current, Power Down Mode
DAC Powered Down
l
0.005
5
µA
Reference Output
Output Voltage
l
2.032
2.048
2.064
V
Reference Temperature Coefficient
±10
ppm/°C
Output Impedance
0.5
kΩ
Capacitive Load Driving
10
µF
Short Circuit Current
VCC = 5.5V, REF Shorted to GND
4
mA
Digital I/O
VIL
Low Level Input Voltage
(SDA and SCL)
(Note 13)
l
–0.5
0.3VCC
V
VIH
High Level Input Voltage
(SDA and SCL)
(Note 10)
l
0.7VCC
V
VIL(CA0)
Low Level Input Voltage on CA0
See Test Circuit 1
l
0.15VCC
V
VIH(CA0)
High Level Input Voltage on CA0
See Test Circuit 1
l
0.85VCC
V
RINH
Resistance from CA0
to VCC to Set CA0 = VCC
See Test Circuit 2
l
10
kΩ
RINL
Resistance from CA0
to GND to Set CA0 = GND
See Test Circuit 2
l
10
kΩ
RINF
Resistance from CA0 to VCC or GND to
Set CA0 = Float
See Test Circuit 2
l
2
MΩ
VOL
Low Level Output Voltage
Sink Current = 3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
CB = 10pF to 400pF (Note 11)
l
20 + 0.1CB
250
ns
tSP
Pulse Width of Spikes Suppressed by
Input Filter
l
0
50
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1
µA
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2633-HI12/-HI10/-HI8/-HZ12/-HZ10/-HZ8/LTC2633A-HI12/-HZ12 (VFS = 4.096V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com