Electronic Components Datasheet Search
  English  ▼

X  

LTC2633 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2633 Datasheet HTML 7Page - Analog Devices LTC2633 Datasheet HTML 8Page - Analog Devices LTC2633 Datasheet HTML 9Page - Analog Devices LTC2633 Datasheet HTML 10Page - Analog Devices LTC2633 Datasheet HTML 11Page - Analog Devices LTC2633 Datasheet HTML 12Page - Analog Devices LTC2633 Datasheet HTML 13Page - Analog Devices LTC2633 Datasheet HTML 14Page - Analog Devices LTC2633 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2633
11
2633fc
For more information www.linear.com/LTC2633
TYPICAL PERFORMANCE CHARACTERISTICS
INL vs Temperature
DNL vs Temperature
Reference Output Voltage vs
Temperature
Settling to ±1LSB Rising
Settling to ±1LSB Falling
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2633 G08
4095
2048
VCC = 5V
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2633 G09
4095
2048
VCC = 5V
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–25
125
100
75
50
25
2633 G10
150
0
VCC = 5V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–25
125
100
75
50
25
2633 G11
150
0
VCC = 5V
DNL (POS)
DNL (NEG)
TEMPERATURE (°C)
–50
2.068
2.058
2.048
2.038
2.028
–25
125
100
75
50
25
2633 G12
150
0
VCC = 5V
TA = 25°C unless otherwise noted.
LTC2633-H12 (Internal Reference, VFS = 4.096V)
SCL
5V/DIV
VOUT
1LSB/DIV
2µs/DIV
2633 G13
9TH CLOCK OF
3RD DATA BYTE
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.095V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
3.8µs
SCL
5V/DIV
VOUT
1LSB/DIV
2µs/DIV
2633 G14
9TH CLOCK OF
3RD DATA BYTE
3/4 SCALE TO 1/4 SCALE
STEP
VCC = 5V, VFS = 4.095V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
4.7µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com