Electronic Components Datasheet Search
  English  ▼

X  

LTC2633 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2633 Datasheet HTML 16Page - Analog Devices LTC2633 Datasheet HTML 17Page - Analog Devices LTC2633 Datasheet HTML 18Page - Analog Devices LTC2633 Datasheet HTML 19Page - Analog Devices LTC2633 Datasheet HTML 20Page - Analog Devices LTC2633 Datasheet HTML 21Page - Analog Devices LTC2633 Datasheet HTML 22Page - Analog Devices LTC2633 Datasheet HTML 23Page - Analog Devices LTC2633 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2633
24
2633fc
For more information www.linear.com/LTC2633
LINEAR TECHNOLOGY CORPORATION 2011
LT 0617 REV C • PRINTED IN USA
www.linear.com/LTC2633
RELATED PARTS
TYPICAL APPLICATION
Voltage Margining Application with LTC3850 (1.2V ±5%) LTC2633-LO Option Only
PART NUMBER
DESCRIPTION
COMMENTS
LTC2632
Dual 12-/10-/8-Bit, SPI VOUT DACs with
Internal Reference
2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode, Rail-to-Rail
Output, 8-Pin ThinSOT™ Package
LTC2607/LTC2617/
LTC2627
Dual 16-/14-/12-Bit, I2C VOUT DACs with
External Reference
260μA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output, 16-Lead SSOP Package
LTC2602/LTC2612/
LTC2622
Dual 16-/14-/12-Bit SPI VOUT DACs with
External Reference
300μA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, 8-Lead MSOP Package
LTC1662
Dual 10-Bit, SPI VOUT DAC with External
Reference
1.5μA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output, 8-Lead MSOP Package
LTC2630/LTC2631 Single 12-/10-/8-Bit, SPI/ I2C VOUT DACs
with 10ppm/°C Reference
180μA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, Rail-to-Rail Output,
in SC70 (LTC2630)/ ThinSOT (LTC2631)
LTC2640
Single 12-/10-/8-Bit, SPI VOUT DACs with
10ppm/°C Reference
180μA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode,
Rail-to-Rail Output, in ThinSOT
LTC2634/LTC2635 Quad 12-/10-/8-Bit SPI/I2C VOUT DACs with
10ppm/°C Reference
±2.5LSB INL, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode,
16-Pin 3mm × 3mm QFN and 10-Lead MSOP Packages
LTC2636/LTC2637 Octal 12-/10-/8-Bit, SPI/I2C VOUT DACs with
10ppm/°C Reference
125μA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode,
Rail-to-Rail Output, 14-Lead 4mm × 3mm DFN and 16-Lead MSOP Packages
LTC2654/LTC2655 Quad 16-/12 Bit, SPI/I2C VOUT DACs with
10ppm/°C Max Reference
±4LSB INL Max at 16-Bits and ±2mV Offset Error, Rail-to-Rail Output,
20-Lead 4mm × 4mm QFN and 16-Lead Narrow SSOP Packages
LTC2656/LTC2657 Octal 16-/12 Bit, SPI/I2C VOUT DACs with
10ppm/°C Max Reference
±4LSB INL Max at 16-Bits and ±2mV Offset Error, Rail-to-Rail Output,
20-Lead 4mm × 5mm QFN and 16-Lead TSSOP Packages
SW1
BG1
PGND
ITH1
SENSE1+
MODE/PLLIN
RUN1
SENSE1–
VFB1
500kHz
TKSS1
ILM
VIN
INTVCC
PGOOD
TG1
0.1µF
1nF
0.1µF
2.2k
100k
10k
SGND
10k
0.008k
2.2µH
LTC3850EUF
2633 TA02
FREQ
BOOST1
0.1µF
CMDSH-3
RJK0305DPB
RJK0301DPB
10nF
1nF
3.32k
10k
1nF
10k
100pF
4.7µF
VIN
6.5V
TO 14V
VOUT
1.2V ±5%
20k
15pF
63.4k
TO I2C
BUS
REF
VCC
3
7
6
4
5V
5
2
1
8
CA0
SCL
GND
SDA
0.1µF
DAC B
DAC A
LTC2633CTS8-L012
0.22µF
10k
15k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com