Electronic Components Datasheet Search
  English  ▼

X  

LTC2633 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 3 Page - Analog Devices

  LTC2633 Datasheet HTML 1Page - Analog Devices LTC2633 Datasheet HTML 2Page - Analog Devices LTC2633 Datasheet HTML 3Page - Analog Devices LTC2633 Datasheet HTML 4Page - Analog Devices LTC2633 Datasheet HTML 5Page - Analog Devices LTC2633 Datasheet HTML 6Page - Analog Devices LTC2633 Datasheet HTML 7Page - Analog Devices LTC2633 Datasheet HTML 8Page - Analog Devices LTC2633 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2633
3
2633fc
For more information www.linear.com/LTC2633
PRODUCT SELECTION GUIDE
PART NUMBER
PART
MARKING**
VFS WITH INTERNAL
REFERENCE
POWER-ON RESET
TO CODE
POWER-ON
REFERENCE
MODE
RESOLUTION
VCC
MAXIMUM
INL
LTC2633A-LI12
LTC2633A-LX12
LTC2633A-LZ12
LTC2633A-LO12*
LTC2633A-HI12
LTC2633A-HZ12
LTFTC
LTFTB
LTFSZ
LTFTV
LTFTF
LTFTD
2.5V •(4095/4096)
2.5V •(4095/4096)
2.5V •(4095/4096)
2.5V •(4095/4096)
4.096V •(4095/4096)
4.096V •(4095/4096)
Mid-Scale
Mid-Scale
Zero-Scale
High Impedance
Mid-Scale
Zero-Scale
Internal
External
Internal
Internal
Internal
Internal
12-Bit
12-Bit
12-Bit
12-Bit
12-Bit
12-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±1LSB
±1LSB
±1LSB
±1LSB
±1LSB
±1LSB
LTC2633-LI12
LTC2633-LI10
LTC2633-LI8
LTFTC
LTFTJ
LTFTQ
2.5V •(4095/4096)
2.5V •(1023/1024)
2.5V •(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2633-LX12
LTC2633-LX10
LTC2633-LX8
LTFTB
LTFTH
LTFTP
2.5V •(4095/4096)
2.5V •(1023/1024)
2.5V •(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2633-LZ12
LTC2633-LZ10
LTC2633-LZ8
LTFSZ
LTFTG
LTFTN
2.5V •(4095/4096)
2.5V •(1023/1024)
2.5V •(255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2633-LO12*
LTC2633-LO10*
LTC2633-LO8*
LTFTV
LTFTW
LTFTX
2.5V •(4095/4096)
2.5V •(1023/1024)
2.5V •(255/256)
High Impedance
High Impedance
High Impedance
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2633-HI12
LTC2633-HI10
LTC2633-HI8
LTFTF
LTFTM
LTFTS
4.096V •(4095/4096)
4.096V •(1023/1024)
4.096V •(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2633-HZ12
LTC2633-HZ10
LTC2633-HZ8
LTFTD
LTFTK
LTFTR
4.096V •(4095/4096)
4.096V •(1023/1024)
4.096V •(255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
* Contact Linear Technology for other Hi-Z options.
**The temperature grade is identified by a label on the shipping container.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
LTC2633-8
LTC2633-10
LTC2633-12
LTC2633A-12
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
DC Performance
Resolution
l
8
10
12
12
Bits
Monotonicity
VCC = 3V, Internal Ref. (Note 3) l
8
10
12
12
Bits
DNL
Differential
Nonlinearity
VCC = 3V, Internal Ref. (Note 3) l
±0.5
±0.5
±1
±1
LSB
INL
Integral Nonlinearity VCC = 3V, Internal Ref. (Note 3) l
±0.05 ±0.5
±0.2 ±1
±1 ±2.5
±0.5 ±1
LSB
ZSE
Zero Scale Error
VCC = 3V, Internal Ref., Code = 0 l
0.5
5
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref. (Note 4) l
±0.5
±5
±0.5 ±5
±0.5 ±5
±0.5 ±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 3V, Internal Ref.
±10
±10
±10
±10
µV/°C
GE
Gain Error
VCC = 3V, Internal Ref.
l
±0.2 ±0.8
±0.2 ±0.8
±0.2 ±0.8
±0.2 ±0.8
%FSR
LTC2633-LI12/-LI10/-LI8/-LX12/-LX10/-LX8/-LZ12/-LZ10/-LZ8/-LO12/-LO10/-LO8/LTC2633A-LI12/-LX12/-LZ12/-LO12 (VFS = 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com