Electronic Components Datasheet Search
  English  ▼

X  

LTC2633 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC2633 Datasheet HTML 16Page - Analog Devices LTC2633 Datasheet HTML 17Page - Analog Devices LTC2633 Datasheet HTML 18Page - Analog Devices LTC2633 Datasheet HTML 19Page - Analog Devices LTC2633 Datasheet HTML 20Page - Analog Devices LTC2633 Datasheet HTML 21Page - Analog Devices LTC2633 Datasheet HTML 22Page - Analog Devices LTC2633 Datasheet HTML 23Page - Analog Devices LTC2633 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC2633
20
2633fc
For more information www.linear.com/LTC2633
Reference Modes
For applications where an accurate external reference is
either not available, or not desirable due to limited space,
the LTC2633 has a user-selectable, integrated reference.
The integrated reference voltage is internally amplified
by 2x to provide the full-scale DAC output voltage range.
The LTC2633-LI/LTC2633-LX/LTC2633-LO/LTC2633-LZ
provides a full-scale output of 2.5V. The LTC2633-HI/
LTC2633-HZ provides a full-scale output of 4.096V. The
internal reference can be useful in applications where
the supply voltage is poorly regulated. Internal reference
mode can be selected by using command 0110b, and is
the power-on default for LTC2633-HZ/LTC2633-LZ, as well
as for LTC2633-HI/LTC2633-LI/LTC2633-LO.
The10ppm/°C,1.25V(LTC2633-LI/LTC2633-LX/LTC2633-
LO/LTC2633-LZ) or 2.048V (LTC2633-HI/LTC2633-HZ)
internal reference is available at the REF pin. Adding
bypass capacitance to the REF pin will improve noise
performance; 0.1µF is recommended and up to 10µF can
be driven without oscillation. This output must be buffered
when driving an external DC load current.
Alternatively, the DAC can operate in external reference
modeusingcommand0111b.Inthismode,aninputvoltage
supplied externally to the REF pin provides the reference
(1V ≤ VREF ≤ VCC) and the supply current is reduced. The
external reference voltage supplied sets the full-scale DAC
output voltage. External reference mode is the power-on
default for LTC2633-LX.
The reference mode of LTC2633-HZ/LTC2633-LZ/
LTC2633-HI/LTC2633-LI/LTC2633-LO (internal reference
power-on default), can be changed by software command
after power up. The same is true for LTC2633-LX (external
reference power-on default).
Power-Down Mode
Forpower-constrainedapplications,power-downmodecan
be used to reduce the supply current whenever less than
two DAC outputs are needed. When in power-down, the
buffer amplifiers, bias circuits, and integrated reference
circuits are disabled, and draw essentially zero current.
The DAC outputs are put into a high impedance state, and
the output pins are passively pulled to ground through
individual 200kΩ resistors (LTC2633-LI/LTC2633-LX/
LTC2633-LO/LTC2633-LZ/LTC2633-HI/LTC2633-HZ). For
the LTC2633-LO options, the output pins are not passively
pulled to ground, but are also placed in a high impedance
state (open-circuited state) during power-down, typically
drawing less than 0.1µA. The LTC2633-LO options power-
up with all DAC outputs in this high impedance state. They
remain that way until given a software update command.
For all LTC2633 options, Input- and DAC-register contents
are not disturbed during power-down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in combi-
nation with the appropriate DAC address, (n). The supply
current is reduced approximately 30% for each DAC
powered down. The integrated reference is automatically
powered down when external reference is selected using
command 0111b. In addition, all the DAC channels and the
integrated reference together can be put into power-down
mode using Power Down Chip command 0101b. When
the integrated reference is in power-down mode, the REF
pin becomes high impedance (typically > 1GΩ). For all
power-down commands the 16-bit data word is ignored.
Normal operation resumes after executing any command
that includes a DAC update, (as shown in Table 1). The
selected DAC is powered up as its voltage output is up-
dated. When a DAC which is in a powered-down state is
powered up and updated, normal settling is delayed. If
less than two DACs are in a powered-down state prior to
the update command, the power-up delay time is 10µs.
However, if both DACs and the integrated reference are
powered down, then the main bias generation circuit block
has been automatically shut down in addition to the DAC
amplifiersandreferencebuffers.Inthiscase,thepowerup
delay time is 12µs. The power-up of the integrated refer-
ence depends on the command that powered it down. If
the reference is powered down using the select external
reference command (0111b), then it can only be powered
backupusingselectinternalreferencecommand(0110b).
However, if the reference was powered down using power
down chip command (0101b), then in addition to select
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com