Electronic Components Datasheet Search
  English  ▼

X  

106145 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 106145
Description  IB IL 24 DO 2-2A-XC-PAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106145 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  106145 Datasheet HTML 1Page - PHOENIX CONTACT 106145 Datasheet HTML 2Page - PHOENIX CONTACT 106145 Datasheet HTML 3Page - PHOENIX CONTACT 106145 Datasheet HTML 4Page - PHOENIX CONTACT 106145 Datasheet HTML 5Page - PHOENIX CONTACT 106145 Datasheet HTML 6Page - PHOENIX CONTACT 106145 Datasheet HTML 7Page - PHOENIX CONTACT 106145 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IB IL 24 DO 2-2A-XC-PAC
106145_en_00
PHOENIX CONTACT
3
Description
Type
Order No.
Pcs. / Pkt.
Inline digital output terminal, version for extreme conditions, complete with
accessories (connector plug and marking field), 2 outputs, 24 V DC, 2 A, 4-
conductor connection technology
IB IL 24 DO 2-2A-XC-PAC
2702133
1
3Ordering data
Accessories
Type
Order No.
Pcs. / Pkt.
Labeling field, width: 12.2 mm (Marking)
IB IL FIELD 2
2727501
10
Insert strip, Sheet, white, unlabeled, can be labeled with: Office printing
systems, Plotter: Laser printer, Mounting type: Insert, Lettering field: 62 x
10 mm (Marking)
ESL 62X10
0809492
1
Insert strip, Sheet, white, unlabeled, can be labeled with: Office printing
systems, Plotter: Laser printer, Mounting type: Insert, Lettering field: 62 x
46 mm (Marking)
ESL 62X46
0809502
5
Inline connector, colored (Connector/Adapter)
IB IL SCN-8-CP
2727608
10
Connector, for digital 1, 2 or 8-channel Inline terminals (Connector/
Adapter)
IB IL SCN-8
2726337
10
Documentation
Type
Order No.
Pcs. / Pkt.
User manual, English, Automation terminals of the Inline product range
IL SYS INST UM E
-
-
Data sheet, English, INTERBUS addressing
DB GB IBS SYS ADDRESS
-
-
Dimensions (nominal sizes in mm)
Width
12.2 mm
Height
119.8 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions
4
Technical data
140,5
119,8
General data
Color
green
Weight
61 g   (with connector)
Operating mode
Process data mode with 2 bits
Ambient temperature (operation)
-40 °C ... 55 °C (See also the "Tested successfully: Use under extreme ambient
conditions" section of the data sheet.)
Ambient temperature (operation)
-40 °C ... 60 °C (At U
S < 24.5 V; see also the "Tested successfully: Use under ex-
treme ambient conditions" section of the data sheet.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com