Electronic Components Datasheet Search
  English  ▼

X  

106145 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 106145
Description  IB IL 24 DO 2-2A-XC-PAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106145 Datasheet(HTML) 8 Page - PHOENIX CONTACT

  106145 Datasheet HTML 1Page - PHOENIX CONTACT 106145 Datasheet HTML 2Page - PHOENIX CONTACT 106145 Datasheet HTML 3Page - PHOENIX CONTACT 106145 Datasheet HTML 4Page - PHOENIX CONTACT 106145 Datasheet HTML 5Page - PHOENIX CONTACT 106145 Datasheet HTML 6Page - PHOENIX CONTACT 106145 Datasheet HTML 7Page - PHOENIX CONTACT 106145 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IB IL 24 DO 2-2A-XC-PAC
106145_en_00
8
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
8
Local status and diagnostic
indicators
Figure 3
Local status and diagnostic indicators
Function identification
Pink
9
Terminal point assignment
Figure 4
Terminal point assignment
10
Connection notes and examples
Figure 5
Typical connection of actuators
The connection of actuators in 4 and 3-wire technology is il-
lustrated.
11
Process data
Assignment of the terminal points to the output
process data
Designa-
tion
Color
Meaning
D
Green
Diagnostics (bus and logic volt-
age)
1 ... 2
Yellow
Status of the outputs
Terminal point
Assignment
1.1 / 2.1
Signal output (OUT 1 / OUT 2)
1.2, 2.2
Segment voltage U
S for 4-wire connec-
tion
Measuring points for segment voltage
U
S (24 V DC)
1.3, 2.3
Ground connection (GND) for 2, 3 and 4-
wire connection
1.4, 2.4
FE connection for 3 and 4-wire connec-
tion
1
2
D
1.1 2.1
1.2 2.2
1.3 2.3
1.4 2.4
1.1
1.2
1.3
1.4
2.1
2.3
2.4
2.2
When connecting the actuators, observe the
assignment of the terminal points to the pro-
cess data.
(Byte.Bit) view
Byte.Bit
0.1
0.0
Assignment
Terminal point
(signal)
2.1
1.1
Terminal point
(24 V)
2.2
1.2
Terminal point
(GND)
2.3
1.3
Terminal point
(FE)
2.4
1.4
Status indicator
LED
2
1
For the assignment of the illustrated (byte.bit)
view to your INTERBUS control or computer
system, please refer to the
DB GB IBS SYS ADDRESS data sheet.
1.1
2.1
1.2
1.3
1.4
2.2
2.3
2.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com