Electronic Components Datasheet Search
  English  ▼

X  

106145 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 106145
Description  IB IL 24 DO 2-2A-XC-PAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106145 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  106145 Datasheet HTML 1Page - PHOENIX CONTACT 106145 Datasheet HTML 2Page - PHOENIX CONTACT 106145 Datasheet HTML 3Page - PHOENIX CONTACT 106145 Datasheet HTML 4Page - PHOENIX CONTACT 106145 Datasheet HTML 5Page - PHOENIX CONTACT 106145 Datasheet HTML 6Page - PHOENIX CONTACT 106145 Datasheet HTML 7Page - PHOENIX CONTACT 106145 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IB IL 24 DO 2-2A-XC-PAC
106145_en_00
PHOENIX CONTACT
4
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Temperature class
T2 (-40°C ... 55°C, EN 50155)
Permissible humidity (operation)
10 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
10 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
General data
Connection data
Designation
Inline connector
Connection method
Spring-cage connection
Conductor cross section solid / stranded
0.08 mm²   ...   1.5 mm²   /   0.08 mm²   ...   1.5 mm²
Conductor cross section [AWG]
28   ...   16
Stripping length
8 mm
Connection data for UL approvals
Designation
Inline connector
Connection method
Spring-cage connection
Conductor cross section solid / stranded
0.2 mm²   ...   1.5 mm²   /   0.2 mm²   ...   1.5 mm²
Conductor cross section [AWG]
24   ...   16
Stripping length
8 mm
Interface Inline local bus
Connection method
Inline data jumper
Transmission speed
500 kBit/s
Power consumption
Segment supply voltage U
S
24 V DC (nominal value)
Current consumption from U
S
max. 4 A
Communications power U
L
7.5 V DC (via voltage jumper)
Current consumption from U
L
max. 35 mA
Power consumption
max. 0.27 W (at U
L)
Digital outputs
Number of outputs
2
Connection method
Spring-cage connection
Connection method
2, 3, 4-wire
Nominal output voltage
24 V DC
Voltage difference with nominal current
≤ 1 V
Maximum output current per channel
2 A
Maximum output current per device
4 A
Nominal load, ohmic
48 W (12 Ω)
Nominal load, inductive
48 VA (1.2 H, 12 Ω)
Nominal load, lamp
48 W
Signal delay when switching on an ohmic nominal load
approx. 200 µs
Signal delay when switching on an inductive nominal load
approx. 250 ms (1.2 H, 12 Ω)
Signal delay when switching on a lamp nominal load
typ. 200 ms (for switching frequencies up to 8 Hz; above this frequency, the lamp
load behaves like an ohmic load)
Signal delay when switching off an ohmic nominal load
approx. 200 µs
Signal delay when switching off an inductive nominal load
approx. 250 ms (1.2 H, 12 Ω)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com