Electronic Components Datasheet Search
  English  ▼

X  

106145 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 106145
Description  IB IL 24 DO 2-2A-XC-PAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106145 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  106145 Datasheet HTML 1Page - PHOENIX CONTACT 106145 Datasheet HTML 2Page - PHOENIX CONTACT 106145 Datasheet HTML 3Page - PHOENIX CONTACT 106145 Datasheet HTML 4Page - PHOENIX CONTACT 106145 Datasheet HTML 5Page - PHOENIX CONTACT 106145 Datasheet HTML 6Page - PHOENIX CONTACT 106145 Datasheet HTML 7Page - PHOENIX CONTACT 106145 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IB IL 24 DO 2-2A-XC-PAC
106145_en_00
PHOENIX CONTACT
7
6
Tested successfully: Use under
extreme ambient conditions
The terminal has been tested successfully over 250 temper-
ature change cycles in accordance with IEC 61131-2 in the
range from -40°C to +70°C.  
The following conditions were observed:
–
The Inline devices for all connecting cables were con-
nected with a minimum conductor cross section of
0.5 mm²
–
The Inline station was assembled on a wall-mounted
horizontal DIN rail
–
Fans were used to ensure continuous movement of air
in the control cabinet
–
The Inline station was not exposed to vibration or shock
–
The Inline station was operated with a maximum of
24.5 V (ensured by using regulated power supply units)
Figure 1
Temperature change cycle
7
Internal circuit diagram
Figure 2
Internal wiring of the terminal points
Key:
Temperature in the control cabinet/ambient
temperature
Cycle
WARNING:
The terminal is not approved for use in poten-
tially explosive areas.
The terminal is not approved for use in safety
technology.
1
3 h + 30 min
3 h + 30 min
t1
t1
(3 0,6) K/min
+
3 K
+
Tmin
2 K
+
Tmax
Protocol chip
(Bus logic including voltage conditioning)
LED (status indicator)
Optocoupler
Transistor
Digital output
Electrically isolated area
Explanation for other used symbols has been
provided in the IL SYS INST UM E user man-
ual.
+24 V (U )
M
+24 V (U )
S
Local bus
OPC
UL
OPC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com