Electronic Components Datasheet Search
  English  ▼

X  

106145 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 106145
Description  IB IL 24 DO 2-2A-XC-PAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106145 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  106145 Datasheet HTML 1Page - PHOENIX CONTACT 106145 Datasheet HTML 2Page - PHOENIX CONTACT 106145 Datasheet HTML 3Page - PHOENIX CONTACT 106145 Datasheet HTML 4Page - PHOENIX CONTACT 106145 Datasheet HTML 5Page - PHOENIX CONTACT 106145 Datasheet HTML 6Page - PHOENIX CONTACT 106145 Datasheet HTML 7Page - PHOENIX CONTACT 106145 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IB IL 24 DO 2-2A-XC-PAC
106145_en_00
PHOENIX CONTACT
5
Signal delay when switching off a lamp nominal load
approx. 200 µs
Maximum operating frequency with ohmic nominal load
max. 300 Hz (this switching frequency is limited by the data rate selected, the
number of bus devices, the structure of the bus, the software used and the control
or computer system used)
Maximum operating frequency with inductive nominal load
max. 0.5 Hz (1.2 H, 12 Ω)
Maximum operating frequency with lamp nominal load
max. 300 Hz (this switching frequency is limited by the data rate selected, the
number of bus devices, the structure of the bus, the software used and the control
or computer system used)
Behavior at voltage switch-off
The output follows the power supply without delay
Limitation of the voltage induced on circuit interruption
approx. -0.7 V
Behavior with overload
Auto restart
Behavior with inductive overload
Output can be destroyed
Reverse voltage resistance to short pulses
Reverse voltage proof
Resistance to permanent reverse voltage
to 2 A DC
Overload protection, short-circuit protection of outputs
Yes
Type of external protective circuit
Freewheeling diode per channel
Digital outputs
Programming Data
ID code (hex)
BD
ID code (dec.)
189
Length code (hex)
C2
Length code (dec.)
194
Process data channel
2 Bit
Input address area
0 Bit
Output address area
2 Bit
Parameter channel (PCP)
0 Bit
Register length (bus)
2 Bit
For the programming data/configuration data of other bus systems, please refer to the corresponding electronic device data sheet (e.g., GSD,
EDS).
Fieldbus data telegram
Fieldbus system
PROFIBUS DP
Required parameter data
3 Byte
Need for configuration data
4 Byte
Error messages to the higher level control or computer system
Short-circuit / overload of the digital outputs
Error message in the diagnostic code (bus) and display (2 Hz) via the LED (D) on
the module
Electrical isolation/isolation of the voltage areas
Test section
Test voltage
5 V supply, incoming remote bus/7.5 V supply (bus logics)
500 V AC, 50 Hz, 1 min
5 V supply, outgoing remote bus/7.5 V supply (bus logics)
500 V AC, 50 Hz, 1 min
7.5 V supply (bus logics)/24 V supply (I/O)
500 V AC, 50 Hz, 1 min
24 V supply (I/O) / functional earth ground
500 V AC, 50 Hz, 1 min
To achieve electrical isolation between the logic level and the I/O area, supply these areas from separate power supply units. Interconnection
of the power supply units in the 24 V area is not permitted (see also user manual).
Approvals
For the latest approvals, please visit phoenixcontact.net/products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com