Electronic Components Datasheet Search
  English  ▼

X  

106145 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 106145
Description  IB IL 24 DO 2-2A-XC-PAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106145 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  106145 Datasheet HTML 1Page - PHOENIX CONTACT 106145 Datasheet HTML 2Page - PHOENIX CONTACT 106145 Datasheet HTML 3Page - PHOENIX CONTACT 106145 Datasheet HTML 4Page - PHOENIX CONTACT 106145 Datasheet HTML 5Page - PHOENIX CONTACT 106145 Datasheet HTML 6Page - PHOENIX CONTACT 106145 Datasheet HTML 7Page - PHOENIX CONTACT 106145 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1Description
Inline digital output terminal,
version for extreme conditions,
2 outputs, 24 V DC, 2 A
IB IL 24 DO 2-2A-XC-PAC
© PHOENIX CONTACT
Data sheet
The terminal is designed for use within an Inline station. It is
used to output digital signals.
Thanks to special engineering measures and tests, the ter-
minal can be used under extreme ambient conditions.
Features
–
Connections for two digital actuators
–
Connection of actuators in 2, 3, and 4-wire technology
–
Nominal current of each output: 2 A
–
Total current of the terminal: 4 A
–
Short-circuit and overload protected outputs
–
Diagnostic and status indicators
–
Can be used under extreme ambient conditions
–Painted PCBs
–
Extended temperature range T2 (-40°C ... +55°C)  
This data sheet is only valid in association with the IL SYS INST UM E user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
106145_en_00
2014-07-29


Similar Part No. - 106145

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1061450100 MOLEX11-1061450100 Datasheet
47Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Metal Alignment Sleeve
1061451100 MOLEX11-1061451100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Ceramic Alignment Sleeve
1061451500 MOLEX11-1061451500 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, APC, Green Body, Ceramic Alignment Sleeve
1061452100 MOLEX11-1061452100 Datasheet
46Kb / 1P
BLC Adapter Assembly, Zirconia, 2 Positions, Black
More results

Similar Description - 106145

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861276 PHOENIX-2861276 Datasheet
179Kb / 6P
IB IL 24 DO 4-PAC
2861289 PHOENIX-2861289 Datasheet
194Kb / 6P
IB IL 24 DO 8-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
IB IL 24 DO 2-PAC
2861496 PHOENIX-2861496 Datasheet
169Kb / 6P
IB IL 24 DO 2-NPN-PAC
2861603 PHOENIX-2861603 Datasheet
187Kb / 6P
IB IL 24 DO 8-2A-PAC
8461 PHOENIX-8461 Datasheet
178Kb / 7P
IB IL 24 DI8/HD-XC-PAC
8462 PHOENIX-8462 Datasheet
188Kb / 8P
IB IL 24 DO8/HD-XC-PAC
8463 PHOENIX-8463 Datasheet
207Kb / 11P
IB IL 24/48 DOR 2/W-XC-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com