Electronic Components Datasheet Search
  English  ▼

X  

MSM13Q Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 3 Page - OKI electronic componets

  MSM13Q Datasheet HTML 1Page - OKI electronic componets MSM13Q Datasheet HTML 2Page - OKI electronic componets MSM13Q Datasheet HTML 3Page - OKI electronic componets MSM13Q Datasheet HTML 4Page - OKI electronic componets MSM13Q Datasheet HTML 5Page - OKI electronic componets MSM13Q Datasheet HTML 6Page - OKI electronic componets MSM13Q Datasheet HTML 7Page - OKI electronic componets MSM13Q Datasheet HTML 8Page - OKI electronic componets MSM13Q Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
Oki Semiconductor
MSM13Q0000/14Q0000
0.35 µm Sea of Gates Arrays
DESCRIPTION
Oki’s 0.3 5 µm ASIC products deliver ultra-high performance and high density at low power dissipation.
The MSM13Q0000/14Q0000 series devices (referred to as “MSM13Q/14Q”) are implemented with the
industry-standard Cell-Based Array (CBA) architecture in a Sea-of-Gates (SOG) structure. Built in a
0.35 µm drawn CMOS technology (with an L-Effective of 0.27 µm), these SOG devices are available in
three layers (MSM13Q) and four layers (MSM14Q) of metal. The semiconductor process is adapted from
Oki’s production-proven 64-Mbit DRAM manufacturing process.
The MSM13Q/14Q Series contains 6 arrays each, offering over 1 million raw gates and 352 I/O pads. Up
to 66% and 90% of the raw gates can be used for the 3-layer and 4-layer arrays, respectively. Oki’s 0.35
µm family is optimized for 3-V core operation with optimized 3-V I/O buffers and 5-V tolerant 3-V buff-
ers. These SOG products are designed to fit the most popular plastic quad flat packs (QFPs), thin QFPs
(TQFPs) , and plastic ball grid array (PBGA) packages.
The MSM13Q/14Q Series uses the popular CBA architecture from Silicon Architects of Synopsys which
mixes two types of cells (8-transistor compute cells and 4-transistor drive cells) on the same die to deliver
high gate density and high drives. The CBA is supported by a rich macro library, optimized for synthesis.
Memory blocks are efficiently created by Oki’s memory compilers to generate single- and dual-port
RAM’s in high-density and low-power configurations with synchronous RAM options.
As such, the MSM13Q/14Q series is well suited to memory-intensive designs with high production vol-
umes approaching the real estate and cost savings of standard cells. At the same time, its SOG architec-
ture allows rapid prototyping turnaround times. Thus, Oki’s MSM13Q/14Q family offers the best of two
worlds: quick prototyping of a gate array and low production cost of a standard cell.
Oki’s 0.35 µm ASIC products are supported by leading-edge CAD tools including a synthesis-linked
floorplanner, motive static timing analyzer, and H-clock tree methodology. They are further supported
by specialized macrocells including phase-locked loop (PLL), pseudo-emitter coupled logic (PECL),
peripheral component interconnect (PCI), universal synchronous receiver/transmitter (UART) cells, and
ARM7TDMI RISC cores.
FEATURES
• 0.35 µm drawn 3- and 4-layer metal CMOS
• Optimized 3.3-V core
• Optimized 3-V I/O and 3-V I/O that is 5-V
tolerant
• CBA SOG architecture
• Over 1.0M raw gates and 352 pads
• User-configurable I/O with VSS, VDD, TTL, 3-
state, and 1- to 24-mA options
• Slew-rate-controlled outputs for low-radiated
noise
• H-clock tree cells which reduce the maximum
skew for clock signals
• User-configurable single and dual-port;
synchronous or asynchronous memories
• Specialized macrocells including PLL, PECL,
PCI, UART, and ARM7TDMI
• Floorplanning for front-end simulation, back-
end layout controls, and link to synthesis
• Joint Test Action Group (JTAG) boundary scan
and scan-path ATPG
• Support for popular CAE systems, including
Cadence, IKOS, Mentor Graphics, Synopsys,
Viewlogic, and Zycad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com