Electronic Components Datasheet Search
  English  ▼

X  

MSM13Q Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 4 Page - OKI electronic componets

  MSM13Q Datasheet HTML 1Page - OKI electronic componets MSM13Q Datasheet HTML 2Page - OKI electronic componets MSM13Q Datasheet HTML 3Page - OKI electronic componets MSM13Q Datasheet HTML 4Page - OKI electronic componets MSM13Q Datasheet HTML 5Page - OKI electronic componets MSM13Q Datasheet HTML 6Page - OKI electronic componets MSM13Q Datasheet HTML 7Page - OKI electronic componets MSM13Q Datasheet HTML 8Page - OKI electronic componets MSM13Q Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
s MSM13Q0000/14Q0000 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
Oki Semiconductor
ARRAY ARCHITECTURE
The primary components of a 0.35 µm MSM13Q/14Q circuit include:
• I/O base cells
• Configurable I/O pads for VDD, VSS, or I/O (optimized 3-V I/O and 3-V I/O that is 5-V tolerant)
•VDD and VSS pads dedicated to wafer probing
• Separate power bus for output buffers
• Separate power bus for internal core logic and input buffers
• Core base modules containing three compute cells for each drive cell
• Isolated gate structure for reduced input capacitance and increased routing flexibility
Each array has 24 dedicated corner pads for power and ground use during wafer probing, with 4 pads
per corner. The arrays also have separate power rings for the internal core functions (VDDC and VSSC)
and output drive transistors (VDDO and VSSO).
The array architecture uses optimally sized transistors to efficiently implement logic and memory in a
metal programmable technology. CBA uses two types of cells: compute cells and drive cells. The com-
pute cell employs four PMOS and four NMOS trasnsistors whose sizes are optimized for logic and mem-
ory implementations as shown in Figure 1. The quantity and size of the transistors in a compute cell are
carefully selected to maximize the efficiency of most commonly used functions in VLSI design. The drive
cell consists of two large PMOS pull-up transistors and two large pull-down transistors. The compute
and drive cells are tiled to create a channelless core array, with three comput cells for each drive cell as
shown in Figure 2. The 3:1 ratio of compute to drive cells was selected for optimal implementation of
emerging applications. Macrocells are created using either compute cells, drive cells, or combinations of
compute and drive cells.
MSM13Q/14Q FAMILY LISTING
MSM13Q/14Q
Series
PAD No.
Raw Gate
(Gates)
Usable Gate
M13Q(3LM)
Usable Gate
M14Q(4LM)
Raw Gate
Row
Column
0150
144
157,192
105,319
143,045
196
802
0230
176
242,400
152,712
208,464
240
1,010
0340
208
346,176
204,244
276,941
288
1,202
0530
256
536,400
289,656
391,572
360
1,490
0840
320
847,048
415,054
567,522
452
1,874
1020
352
1,033,000
475,180
650,790
500
2,066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com