Electronic Components Datasheet Search
  English  ▼

X  

MSM13Q Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM13Q Datasheet HTML 2Page - OKI electronic componets MSM13Q Datasheet HTML 3Page - OKI electronic componets MSM13Q Datasheet HTML 4Page - OKI electronic componets MSM13Q Datasheet HTML 5Page - OKI electronic componets MSM13Q Datasheet HTML 6Page - OKI electronic componets MSM13Q Datasheet HTML 7Page - OKI electronic componets MSM13Q Datasheet HTML 8Page - OKI electronic componets MSM13Q Datasheet HTML 9Page - OKI electronic componets MSM13Q Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
s MSM13Q0000/14Q0000 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
4
Oki Semiconductor
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (VSS = 0 V, Tj = 25°C)
[1]
1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
in the other specifications of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Conditions
Rated Value
Unit
Power supply voltage
VDD
-0.3 to +4.6
V
Input voltage
Normal buffers
VI
-0.3 to VDD+0.3
V
5-V tolerant
VI
-0.3 to 6.0
Output voltage
Normal buffers
VO
-0.3 to VDD+0.3
V
5-V tolerant
VO
-0.3 to 6.0
Input current
Normal buffers
II
-10 to +10
mA
5-V tolerant
II
-6 to +6
Output current per I/O
Normal buffers
IO
IO = 1, 2, 4, 6, 8, 12, 24 mA
-24 to +24
mA
5-V tolerant
IO
IO = 2, 4, 6, 8, 12 mA
-8 to +8
Storage temperature
Tstg
–
-65 to +150
°C
Recommended Operating Conditions (VSS = 0 V)
Parameter
Symbol
Rated Value
Unit
Power supply voltage
VDD (3 V)
+3.0 to +3.6
V
Junction temperature
Tj
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com