Electronic Components Datasheet Search
  English  ▼

X  

MSM13Q Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM13Q Datasheet HTML 12Page - OKI electronic componets MSM13Q Datasheet HTML 13Page - OKI electronic componets MSM13Q Datasheet HTML 14Page - OKI electronic componets MSM13Q Datasheet HTML 15Page - OKI electronic componets MSM13Q Datasheet HTML 16Page - OKI electronic componets MSM13Q Datasheet HTML 17Page - OKI electronic componets MSM13Q Datasheet HTML 18Page - OKI electronic componets MSM13Q Datasheet HTML 19Page - OKI electronic componets MSM13Q Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
s MSM13Q0000/14Q0000 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
14
Oki Semiconductor
PACKAGE OPTIONS
TQFP & LQFP Package Menu
Base Array
MSM...
I/O Pads [1]
1.
I/O Pads can be used for input, output, bi-directional, power, or ground.
q
= Available now; r = In development
TQFP
LQFP
64
80
100
144
176
208
13Q/14Q0150
144
qqqq
13Q/14Q0230
176
qqqqq
13Q/14Q0340
208
qqqqqq
13Q/14Q0530
256
q
q
qrq
13Q/14Q0840
320
qrq
q
13Q/14Q1020
352
rq
q
Body Size (mm)
10 x 10
12 x 12
14 x 14
20 x 20
24 x 24
28 x 28
Lead Pitch (mm)
0.5
0.5
0.5
0.5
0.5
0.5
PQFP Package Menu
Base Array
MSM...
I/O Pads [1]
1.
I/O Pads can be used for input, output, bi-directional, power, or ground.
q
= Available now; r = In development
PQFP (42 Alloy)
PQFP (Cu-Alloy)
128
160
208
240
13Q/14Q0150
144
r
13Q/14Q0230
176
rr
13Q/14Q0340
208
qq
13Q/14Q0530
256
qqq
13Q/14Q0840
320
qqq
r
13Q/14Q1020
352
rq
qr
Body Size (mm)
28 x 28
28 x 28
28 x 28
32 x 32
Lead Pitch (mm)
0.80
0.65
0.50
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com