Electronic Components Datasheet Search
  English  ▼

X  

MSM13Q Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM13Q Datasheet HTML 3Page - OKI electronic componets MSM13Q Datasheet HTML 4Page - OKI electronic componets MSM13Q Datasheet HTML 5Page - OKI electronic componets MSM13Q Datasheet HTML 6Page - OKI electronic componets MSM13Q Datasheet HTML 7Page - OKI electronic componets MSM13Q Datasheet HTML 8Page - OKI electronic componets MSM13Q Datasheet HTML 9Page - OKI electronic componets MSM13Q Datasheet HTML 10Page - OKI electronic componets MSM13Q Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MSM13Q0000/14Q0000 s
5
Oki Semiconductor
DC Characteristics (VDD = 3.0 to 3.6 V, VSS = 0 V, Tj = -40°C to +85°C)
Parameter
Symbol
Conditions
Rated Value [1]
1.
JEDEC Compatible; JESD8-1A LVTTL.
Unit
Min.
Typ [2]
2.
Typical condition is VDD = 3.3 V and Tj = 25
oC on a typical process.
Max.
High-level input voltage
Normal buffer
VIH
2.0
–
VDD + 0.3
V
5-V tolerant
VIH
2.0
–
5.5
Low-level input voltage
Normal buffer
VIL
TTL input
-0.3
–
0.8
5-V tolerant
VIL
TTL input
-0.3
–
0.8
TTL- level Schmitt trigger input
threshold voltage
Normal buffer
Vt+
TTL input
–
1.5
2.0
Vt-
0.7
1.0
–
∆V
t
Vt+ - Vt-
0.4
0.5
–
5-V tolerant
Vt+
TTL 5-V tolerant input
–
1.5
2.0
Vt-
0.7
1.0
–
∆V
t
Vt+ - Vt-
0.4
0.5
–
High-level output voltage
Normal buffer
VOH
IOH = -100 µA
VDD - 0.2
–
–
IOH = -1, -2, -4, -6, -8, -12, -24 mA
2.4
–
–
5-V tolerant
VOH
IOH = -100 µA
VDD - 0.2
–
–
IOH = -1, -2, -4, -6, -8, -12 mA
2.4
–
–
Low-level output voltage
Normal buffer
VOL
IOL = 100 µA
–
–
0.2
IOL = 1, 2, 4, 6, 8, 12, 24mA
–
–
0.4
5-V tolerant
VOL
IOL = 100 µA
–
–
0.2
IOL = 1, 2, 4, 6, 8, 12 mA
–
–
0.4
High-level input current
Normal buffer
IIH
VIH = VDD
–
0.1
10
µA
VIH = VDD (50-kΩ pull-down)
10
66
200
5-V tolerant
IIH
VIH = VDD
–
0.1
10
VIH = VDD (50-kΩ pull-down)
10
66
200
Low-level input current
Normal buffer
IIL
VIL = VSS
-10
-0.1
-
VIL = VSS (50-kΩ pull-up)
-200
-66
-10
VIL = VSS (3-kΩ pull-up)
-3.3
-1.1
-0.3
mA
5-V tolerant
IIL
VIL = VSS
-10
-0.1
–
µA
3-state output leakage current
Normal buffer
IOZH
VOH = VDD
–
0.1
10
µA
VOH = VDD (50-kΩ pull-down)
10
-66
200
IOZL
VOL = VSS
-10
-0.1
–
VOL = VSS (50-kΩ pull-up)
-200
-66
-10
VOL = VSS (3-kΩ pull-up)
-3.3
-1.1
-0.3
mA
5-V tolerant
IOZH
VOH = VDD
–
0.1
10
µA
VOH = VDD (50-kΩ pull-down)
10
66
200
IOZL
VOL = VSS
-10
-0.1
–
Stand-by current [3]
3.
RAM/ROM should be in powerdown mode.
IDDQ
Output open, VIH = VDD, VIL = VSS
Design Dependent
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com