Electronic Components Datasheet Search
  English  ▼

X  

2701421 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2701421
Description  AXL F BK S3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701421 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2701421 Datasheet HTML 1Page - PHOENIX CONTACT 2701421 Datasheet HTML 2Page - PHOENIX CONTACT 2701421 Datasheet HTML 3Page - PHOENIX CONTACT 2701421 Datasheet HTML 4Page - PHOENIX CONTACT 2701421 Datasheet HTML 5Page - PHOENIX CONTACT 2701421 Datasheet HTML 6Page - PHOENIX CONTACT 2701421 Datasheet HTML 7Page - PHOENIX CONTACT 2701421 Datasheet HTML 8Page - PHOENIX CONTACT 2701421 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AXL F BK S3
105610_en_02
PHOENIX CONTACT
3
Description
Type
Order No.
Pcs./Pkt.
Axioline F bus coupler for Sercos (including bus base module and connec-
tor)
AXL F BK S3
2701686
1
3Ordering data
Accessories
Type
Order No.
Pcs./Pkt.
Axioline  F bus base module for housing type BK (Replacement item)
AXL BS BK
2701422
5
Axioline F short power connector (for e.g., AXL F BK ...) (Replacement
item)
AXL CN S/UL
2701421
5
RJ45 connector, shielded, with bend protection sleeve, 2 pieces, gray for
straight cables, for assembly on site. For connections that are not crossed,
it is recommended that you use the connector set with gray bend protection
sleeve. (Connector/Adapter)
FL PLUG RJ45 GR/2
2744856
1
RJ45 connector, shielded, with bend protection sleeve, 2 pieces, green for
crossed cables, for assembly on site. For connections that are crossed, it
is recommended that the connector set with green bend protection sleeves
is used. (Connector/Adapter)
FL PLUG RJ45 GN/2
2744571
1
CAT5-SF/UTP cable (J-02YS(ST)C HP 2 x 2 x 24 AWG), heavy-duty instal-
lation cable, 2 x 2 x 0.22 mm², solid conductor, shielded, outer sheath: 7.8
mm diameter, inner sheath: 5.75 mm ± 0.15 mm diameter (Cable/conduc-
tor)
FL CAT5 HEAVY
2744814
1
CAT5-SF/UTP cable (J-LI02YS(ST)C H 2 x 2 x 26 AWG), light-duty, flexi-
ble installation cable 2 x 2 x 0.14 mm², stranded, shielded, outer sheath:
5.75 mm ± 0.15 mm diameter (Cable/conductor)
FL CAT5 FLEX
2744830
1
Crimping pliers, for assembling the RJ45 plugs FL PLUG RJ45..., for as-
sembly on site (Tools)
FL CRIMPTOOL
2744869
1
Zack marker strip for Axioline F (device labeling), in 2 x 20.3 mm pitch, un-
printed, 25-section, for individual labeling with B-STIFT 0.8, X-PEN, or
CMS-P1-PLOTTER (Marking)
ZB 20,3 AXL UNPRINTED
0829579
25
Zack marker strip, flat, in 10 mm pitch, unprinted, 10-section, for individual
labeling with M-PEN 0,8, X-PEN, or CMS-P1-PLOTTER (Marking)
ZBF 10/5,8 AXL UNPRINTED
0829580
50
Insert label, Roll, white, unlabeled, can be labeled with: THERMOMARK
ROLL, THERMOMARK ROLL X1, THERMOMARK X, THERMOMARK
S1.1, Mounting type: snapped into marker carrier, Lettering field: 35 x 18.7
mm (Marking)
EMT (35X18,7)R
0801831
1
Connecting cable, for connecting the controller to a PC for PC Worx and
LOGIC+, USB A to micro USB B, 2 m in length. (Cable/conductor)
CAB-USB A/MICRO USB B/2,0M
2701626
1
Documentation
Type
Order No.
Pcs./Pkt.
User manual, English, Axioline F: System and installation
UM EN AXL F SYS INST
-
-
User manual, English, Axioline F: Diagnostic registers, and error messages
UM EN AXL F SYS DIAG
-
-
User manual, English, Sercos system manual for I/O devices
UM EN SERCOS SYS
-
-
Application note, English,
Updating the firmware of an Axioline F bus coupler
AH EN TFTP FIRMWARE UPDATE
AXL F BK
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com