| Electronic Components Datasheet Search |
|
2701421 Datasheet(PDF) 13 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2701421 Datasheet(HTML) 13 Page - PHOENIX CONTACT |
|
13 / 28 page ![]() AXL F BK S3 105610_en_02 PHOENIX CONTACT 13 10.3 Electronic rating plate The electronic rating plate comprises the IDNs S-0- 1300.x.y. See the table in the “Sercos parameter” section. 10.4 Mapping of I/O modules in Sercos The local bus devices are assigned to the I/O function groups and structure instances according to the Sercos I/O profile. A structure instance (slot) can consist of an I/O function group or several I/O function groups (for example devices with inputs and outputs). The first local bus device occupies slot 1 (structure in- stance 1), the second occupies slot 2 (structure instance 2), etc. When assigning the inputs and outputs to the container input data (S-0-1500.0.9) or to the container output data (S- 0-1500.0.5), the input and output process data is always mapped in byte limits in the container according to the Ser- cos I/O profile. The number of bytes of the containers is always even. The following function groups are defined: The bus coupler supports the following IDNs as configurable data: 10.5 Synchronization mechanisms of the bus cou- pler The bus coupler offers three synchronization mechanisms. These are standardized according to the Sercos specifica- tion and are configured by the Sercos master. The modules, which support a synchronization method, are stored in IDN S-0-1050.x.13. Asynchronous mode The local bus, which is at a lower level to the bus coupler, runs asynchronously to the higher-level Sercos bus. Clock-synchronous mode The local bus, which is at a lower level to the bus coupler, runs synchronously to the higher-level Sercos bus. The input and output data is read in or output at a time deter- mined by the master. In doing so, the runtimes of the Axioline F modules are taken into consideration. Cyclic mode The local bus, which is at a lower level to the bus coupler, runs synchronously to the higher-level Sercos bus. The output data is output as quickly as possible and the input data is read in as late as possible. In doing so, the runtimes of the Axioline F modules are taken into consideration. Function group (FG_IO) Name S-0-1501 I/O function group unknown S-0-1502 I/O function group digital output S-0-1503 I/O function group digital input S-0-1504 I/O function group analog output S-0-1505 I/O function group analog input S-0-1506 I/O function group counter S-0-1507 I/O function group complex protocol S-0-1508 I/O function group sub bus master S-0-1509 I/O function group sub bus slave S-0-1512 I/O function group PLC module S-0-1513 I/O function group motor starter S-0-1514 I/O function group PWM (pulse width modulation) S-0-1515 I/O function group positioning S-0-1516 I/O function group passive In a producer connection In a consumer connection S-0-1500.0.2 S-0-1500.0.1 S-0-1500.0.9 S-0-1500.0.5 FG_IO.x.9 FG_IO.x.5 FG_IO.x.13 FG_IO.x.11 S-0-0390 This information is stored in the IDN. S-0-0187 S-0-0188 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |