| Electronic Components Datasheet Search |
|
2701421 Datasheet(PDF) 28 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2701421 Datasheet(HTML) 28 Page - PHOENIX CONTACT |
|
28 / 28 page ![]() AXL F BK S3 105610_en_02 28 PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany phoenixcontact.com 18 Firmware update 18.1 Firmware update according to Sercos specifi- cation The firmware update is carried out in accordance with the procedure described in the Sercos specification. This means that a TFTP server is implemented on the bus cou- pler, which can receive files from any TFTP client. The file for the update is saved by the bus coupler in the file system, verified, and, if found to be valid, transferred to the program code area of the memory during the boot phase following a reset (power down). This process can take a few minutes. Update requirements – In the following, the term "PC" will be used as a general term for a PC and notebook, or similar. – To make sure that no settings are lost during updating, take suitable measures to back up the device settings. – In order to establish a connection to the bus coupler, it may be necessary to deactivate the firewall of your PC. – Current firmware update file is available from the down- load area of the bus coupler at phoenixcontact.net/ products. Transfer file for firmware update to the bus coupler (using Windows XP) • Save the current firmware update file to your PC. • Rename the file c2701686.fw. • Connect the bus coupler to the the LAN card of your PC via an Ethernet cable. • Switch on the power supply to the bus coupler. • Make sure that the IP address of your PC is in the same ip address space as the bus coupler, which you wish to update. • Run the command console of your PC. • Enter the following command line: • Once the firmware file has been successfully trans- ferred, restart the bus coupler by resetting the voltage or execute IDN/P-0-2000.0.1. Firmware update After the bus coupler restart, the firmware update is per- formed automatically. The firmware update is automatically completed with a bus coupler restart. The status LEDs signal the current status of the firmware up- date. LED states during firmware update NOTE: Potential damage to the device If the bus coupler is disconnected from the supply voltage during the firmware update, the bus coupler may be destroyed. • Never disconnect the bus coupler from the supply voltage during the firmware update. If you are using Windows 7 or Windows 8: Make sure that the “TFTP Client” check box is activated in the control panel under “Activate or deactivate Windows functions”. tftp -i <ip address> PUT <file name> ip address IP address of the bus coupler file name Name of the update file Example: tftp -i 192.168.0.2 PUT c2701686.fw The update file is transmitted as quickly as possible to the NRT to CP2 modes. The transmission is complete as soon as the next command line appears in the command console of your PC. RDY LED Meaning Flashing yellow/red Incorrect update file downloaded to bus coupler. Yellow flashing Firmware update is being performed. Green ON Device is ready for operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |