Electronic Components Datasheet Search
  English  ▼

X  

2701421 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2701421
Description  AXL F BK S3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701421 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2701421 Datasheet HTML 1Page - PHOENIX CONTACT 2701421 Datasheet HTML 2Page - PHOENIX CONTACT 2701421 Datasheet HTML 3Page - PHOENIX CONTACT 2701421 Datasheet HTML 4Page - PHOENIX CONTACT 2701421 Datasheet HTML 5Page - PHOENIX CONTACT 2701421 Datasheet HTML 6Page - PHOENIX CONTACT 2701421 Datasheet HTML 7Page - PHOENIX CONTACT 2701421 Datasheet HTML 8Page - PHOENIX CONTACT 2701421 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AXL F BK S3
105610_en_02
PHOENIX CONTACT
4
Dimensions (nominal sizes in mm)
Width
45 mm
Height
125.9 mm
Depth
74 mm
Note on dimensions
The depth is valid when a TH 35-7.5 DIN rail is used (according to EN 60715).
4
Technical data
45
74
General data
Color
traffic grey A RAL 7042
Weight
177 g (with connector and bus base module)
Ambient temperature (operation)
-25 °C ... 60 °C (Mounting position: wall mounting on horizontal DIN rail)
-25 °C ... 55 °C (Mounting position: any)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Mounting position
Any (observe temperature derating)
Connection data
Designation
Axioline F connector
Connection method
Push-in connection
Conductor cross section solid / stranded
0.2 mm² ... 1.5 mm² / 0.2 mm² ... 1.5 mm²
Conductor cross section [AWG]
24 ... 16
Stripping length
8 mm
Please observe the information provided on conductor cross sections in the “Axioline F: system and installation” user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com