Electronic Components Datasheet Search
  English  ▼

X  

2701421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2701421
Description  AXL F BK S3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2701421 Datasheet HTML 1Page - PHOENIX CONTACT 2701421 Datasheet HTML 2Page - PHOENIX CONTACT 2701421 Datasheet HTML 3Page - PHOENIX CONTACT 2701421 Datasheet HTML 4Page - PHOENIX CONTACT 2701421 Datasheet HTML 5Page - PHOENIX CONTACT 2701421 Datasheet HTML 6Page - PHOENIX CONTACT 2701421 Datasheet HTML 7Page - PHOENIX CONTACT 2701421 Datasheet HTML 8Page - PHOENIX CONTACT 2701421 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1Description
Axioline F bus coupler for Sercos
AXL F BK S3
© PHOENIX CONTACT
Data sheet
Valid from firmware version 1.10.
The bus coupler is intended for use within a third-generation
Sercos network and represents the link to the Axioline F
system.
Up to 63 Axioline F devices can be connected to an existing
Sercos network with the help of the bus coupler.
Features of Sercos
–2 Ethernet-Ports
–
Rotary coding switches for setting the Sercos address
–
Transmission speed of 100 Mbps with a minimum Ser-
cos cycle time of 31.25 µs
–
Sercos diagnostic LED
–
Certified according to Sercos V1.12
–
Supports Sercos V1.31
–
FSP-IO (Function Specific Profile-IO) for modular I/O
devices
–
A maximum of 8 connections are supported (max. 4
consumer and max. 4 producer connections)
–
Cross communication is possible up to reaching the
maximum number of connections
–Synchronization
Features of Axioline F
–
Up to 63 additional Axioline F devices can be connect-
ed
–
Typical cycle time of the Axioline F local bus is around
10 μs
–
Runtime in the bus coupler is negligible (goes to 0 µs)
–Firmware can be updated
–
Diagnostic and status indicators
This data sheet is only valid in association with the UM EN AXL F SYS INST user manual.
You can find further information on Sercos in the UM DE SERCOS SYS user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
You will always find the current SDDML-files here.
105610_en_02
2015-11-10


Similar Part No. - 2701421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701421 PHOENIX-2701421 Datasheet
157Kb / 6P
AXL F PWR 1H
2701421 PHOENIX-2701421 Datasheet
397Kb / 12P
AXC F XT ETH 1TX
More results

Similar Description - 2701421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8479 PHOENIX-8479 Datasheet
249Kb / 26P
AXL F BK EC
8557 PHOENIX-8557 Datasheet
325Kb / 23P
AXL E S3 DIO16 M12 6M
105731 PHOENIX-105731 Datasheet
214Kb / 16P
AXL F BK PN
1167192 PHOENIX-1167192 Datasheet
576Kb / 10P
Bus coupler - AXL F BK EIP XC
12/24/2021
2403869 PHOENIX-2403869 Datasheet
357Kb / 11P
Bus coupler - AXL F BK PN TPS
12/24/2021
2701222 PHOENIX-2701222 Datasheet
314Kb / 9P
Bus coupler - AXL F BK PN XC
12/24/2021
2702463 PHOENIX-2702463 Datasheet
338Kb / 9P
Bus coupler - AXL F BK PB XC
12/24/2021
2688530 PHOENIX-2688530 Datasheet
669Kb / 15P
Bus coupler - AXL F BK PB
Dec 9, 2022
2688899 PHOENIX-2688899 Datasheet
572Kb / 17P
Bus coupler - AXL F BK EC
Dec 9, 2022
2701815 PHOENIX-2701815 Datasheet
629Kb / 17P
Bus coupler - AXL F BK PN
Dec 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com