Electronic Components Datasheet Search
  English  ▼

X  

2701421 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 2701421
Description  AXL F BK S3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701421 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 2701421 Datasheet HTML 17Page - PHOENIX CONTACT 2701421 Datasheet HTML 18Page - PHOENIX CONTACT 2701421 Datasheet HTML 19Page - PHOENIX CONTACT 2701421 Datasheet HTML 20Page - PHOENIX CONTACT 2701421 Datasheet HTML 21Page - PHOENIX CONTACT 2701421 Datasheet HTML 22Page - PHOENIX CONTACT 2701421 Datasheet HTML 23Page - PHOENIX CONTACT 2701421 Datasheet HTML 24Page - PHOENIX CONTACT 2701421 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AXL F BK S3
105610_en_02
PHOENIX CONTACT
21
14
Tunnel method
14.1
Tunnel method
You can use the tunnel method for all PDI objects.
You tunnel the PDI object through the function groups of the
FSP_I/O, i.e. through IDNs S-0-1501 to S-0-1516.
If a module is assigned to several function groups, the PDI
objects can be read via each assigned function group.
14.2
Structure of IDN S-0-15xx.y.20
Command code
Parameter count
Number of following parameters in words
Reserved (slot)
It is not necessary to specify the slot number because it is
taken from the IDN (y). If you enter a value that does not
equal 00
hex in byte 5, this value is overwritten internally by
the slot number specified by y.
Subslot
Specify a subslot if you wish to access a submodule
(e.g., IO-Link). Not used at present (= 0).
PDI object index
See module-specific data sheet.
PDI object subindex
See module-specific data sheet.
See user manual, Sercos system manual for I/O devices.
Amount of data to be written in bytes
Data to be written
S-0-15xx.y.20
Parameter channel transmit
Transferring data to the parameter chan-
nel via the service channel. The re-
sponse is in S-0-15xx.y.19.
S-0-15xx.y.19
Parameter channel receive
Read the response via the service chan-
nel after transmitting IDN S-0-15xx.y.20.
y
Module slot
1st module after the bus coupler: y = 1
:
63rd module after the bus coupler: y = 63
The parameters are described in the “Sercos
system manual for I/O devices” user manual.
Byte
Meaning
0
Service command code (high byte)
1
Service command code (low byte)
2
Parameter count (high byte)
3
Parameter count (low byte)
4
Reserved
5
Reserved (slot)
6Subslot
7
Reserved
8
PDI object index (high byte)
9
PDI object index (low byte)
10
PDI object subindex
11
Amount of data to be written in bytes
14 ... xxxx
Data to be written
0041
hex
Read PDI object
0042
hex
Write PDI object
For command 0041
hex:00hex
For command 0042
hex:
Amount of data to be written
in bytes
For command 0041
hex:
Not available
For command 0042
hex:
Data to be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com