Electronic Components Datasheet Search
  English  ▼

X  

HSDL-3003 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
Appendix B: PCB Layout Suggestion
The following PCB layout
guidelines should be followed to
obtain a good PSRR and EM
immunity resulting in good
electrical performance. Things to
note:
1. The ground plane should be
continuous under the part, but
should not extend under the
shield trace.
2. The shield trace is a wide, low
inductance trace back to the
system ground. CX1, CX2 and
CX3 are optional supply filter
capacitors; they may be left out
if a clean power supply is used.
3. VLED can be connected to
either unfiltered or unregulated
power supply. If VLED and Vcc
share the same power supply,
CX3 need not be used and the
connections for CX1 and CX2
should be before the current
limiting resistor R1. In a noisy
environment, including
capacitor CX2 can enhance
supply rejection. CX1 is
generally a ceramic capacitor
of low inductance providing a
wide frequency response while
CX2 and CX3 are tantalum
capacitors of big volume and
fast frequency response. The
use of a tantalum capacitor is
more critical on the VLED line,
which carries a high current.
4. Preferably a multi-layered
board should be used to
provide sufficient ground
plane. Use the layer
underneath and near the
transceiver module as Vcc, and
sandwich that layer between
ground connected board
layers. Refer to the diagram
below for an example of a
four-layer board.
The area underneath the module
at the second layer, and 3 cm in
all directions around the module,
is defined as the critical ground
plane zone. The ground plane
should be maximized in this zone.
Top View
Refer to application note AN1114
or the Agilent IrDA Data Link
Design Guide for details. The
layout below is based on a
two-layer PCB.
Bottom View
TOP LAYER
CONNECT THE METAL SHIELD AND MODULE
GROUND PIN TO BOTTOM GROUND LAYER.
LAYER 2
CRITICAL GROUND PLANE ZONE. DO NOT
CONNECT DIRECTLY TO THE MODULE
GROUND PIN.
LAYER 3
KEEP DATA BUS AWAY FROM CRITICAL
GROUND PLANE ZONE.
BOTTOM LAYER (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com