Electronic Components Datasheet Search
  English  ▼

X  

HSDL-3003 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 21Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Z
IR TRANSPARENT WINDOW
OPAQUE MATERIAL
OPAQUE MATERIAL
IR TRANSPARENT WINDOW
X
Y
Appendix D: Window Designs for
HSDL-3003
To ensure IrDA compliance, some
constraints on the height and
width of the window exist. The
minimum dimensions ensure that
the IrDA cone angles are met
In the figure above, X is the width
of the window, Y is the height of
the window, and Z is the distance
from the HSDL-3003 to the back
Module Depth
Min Aperture Width
Min Aperture Height
(Z, mm)
(X, mm)
(Y, mm)
0.5
11.45
4.20
1.0
11.75
4.45
1.5
12.00
5.00
2.0
12.50
5.25
3.0
13.50
6.30
4.0
15.15
8.40
5.0
15.65
9.45
without vignetting. The maximum
dimensions minimize the effects
of stray light. The minimum size
corresponds to a cone angle of
30
° and the maximum size
corresponds to a cone angle of
60
°.
of the window. Our simulations
result in the following tables and
graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com