Electronic Components Datasheet Search
  English  ▼

X  

HSDL-3003 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 21Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
PCMCIA
CONTROLLER
CPU
FOR EMBEDDED
APPLICATION
IR
RAM
ROM
TOUCH
PANEL
RS232C
DRIVER
COM
PORT
PDA PLATFORM
LCD
PANEL
RC
HSDL-3003
Figure 2. IR layout in PDA platform.
The link distance testing was
done using typical HSDL-3003
units with SMC’s FDC37C669
and FDC37N769 Super I/O
controllers. An IrDA link distance
of up to 70 cm was demonstrated.
Remote Control Operation
The HSDL-3003 is spectrally
suited to universal remote control
transmission function at 940 nm
typically. Remote control
applications are not governed by
any standards, owing to which
there are numerous remote
control codes in the market.
Each of these standards results in
receiver modules with different
sensitivities, depending on the
carrier frequencies and
responsivity to the incident light
wavelength.
Based on a survey of some
commonly used remote control
receiver modules, the irradiance
is found to be in the range of
0.05 ~ 0.07 mW/cm2. Based on
a typical irradiance of 0.05 mW/
cm2 and 0.075 mW/cm2 and
turning on the RC LED, a typical
link distance of 8 m and 7 m is
achieved typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com