Electronic Components Datasheet Search
  English  ▼

X  

HSDL-3003 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 20Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
TRANSCEIVER
MOD/
DE-MODULATOR
SPEAKER
RF INTERFACE
AUDIO INTERFACE
USER INTERFACE
MICROCONTROLLER
DSP CORE
ASIC
CONTROLLER
IR
MICROPHONE
MOBILE PHONE PLATFORM
RC
HSDL-3003
Figure 1. IR layout in mobile phone platform.
Appendix C: General Application
Guide for the HSDL-3003 Infrared
IrDA® Compliant 115.2 Kb/s
Transceiver
Description
The HSDL-3003, a wide-voltage
operating range infrared
transceiver is a low-cost and small
form factor device that is designed
to address the mobile computing
market such as PDAs, as well as
small embedded mobile products
such as digital cameras and
cellular phones. It is spectrally
suited to universal remote control
transmission function at 940 nm
typically. It is fully compliant to
IrDA 1.4 low power specification
from 9.6 kb/s to 115.2 kb/s, and
supports most remote control
codes. The design of the HSDL-
3003 also includes the following
unique features:
• Spectrally suited to universal
remote control transmission
function at 940 nm typically.
• Low passive component count.
• Shutdown mode for low power
consumption requirement.
Selection of Resistor R1
Resistor R1 should be selected to
provide the appropriate peak
pulse LED current over different
ranges of Vcc as shown on page 3
under "Recommended Application
Circuit Components".
Interface to Recommended I/O Chips
The HSDL-3003’s TXD data input
is buffered to allow for CMOS
drive levels. No peaking circuit or
capacitor is required. Data rate
from 9.6 kb/s up to 115.2 kb/s is
available at the RXD pin. The
TXD_RC, (pin 7), or the
TXD_IrDA, (pin 3), can be used
to send remote control codes.
The block diagrams below show
how the IrDA port fits into a
mobile phone and PDA platform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com