Electronic Components Datasheet Search
  English  ▼

X  

HSDL-3003 Datasheet(PDF) 19 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 19 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 21Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
For module depth values that are
not shown on the table above, the
minimum X and Y values can be
interpolated. An example of this
interpolation for module depth of
0.8 mm is as follows:
Material #
Light Transmission
Haze
Refractive Index
Lexan 141
88%
1%
1.586
Lexan 920A
85%
1%
1.586
Lexan 940A
85%
1%
1.586
Note: 920A and 940A are more flame retardant than 141.
Recommended Dye: Violet #21051 (IR transmissant above 625 nm)
Window Material
Almost any plastic material will
work as a window material.
Polycarbonate is recommended.
The surface finish of the plastic
should be smooth, without any
texture. An IR filter dye may be
used in the window to make it
look black to the eye, but the
total optical loss of the window
should be 10% or less for best
optical performance. Light loss
should be measured at 875 nm.
The recommended plastic
materials for use as a cosmetic
window are available from
General Electric Plastics.
Recommended Plastic Materials:
Aperture width (X) vs. module depth.
18
MODULE DEPTH (Z) – mm
14
4
0
02
6
6
13
5
10
2
X MIN.
4
8
12
16
10
MODULE DEPTH (Z) – mm
8
4
0
02
6
4
13
5
6
2
Y MIN.
1
3
5
7
9
Aperture height (Y) vs. module depth.
Xmin =
x (11.75 – 11.45) + 11.45 = 11.63
0.8 – 0.5
1.0 – 0.5
Ymin =
x (4.45 – 4.20) + 4.20 = 4.35
0.8 – 0.5
1.0 – 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com