Electronic Components Datasheet Search
  English  ▼

X  

RM15TP-C Datasheet(PDF) 4 Page - Hirose Electric

Part # RM15TP-C
Description  Multi-contact Compact Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15TP-C Datasheet(HTML) 4 Page - Hirose Electric

  RM15TP-C Datasheet HTML 1Page - Hirose Electric RM15TP-C Datasheet HTML 2Page - Hirose Electric RM15TP-C Datasheet HTML 3Page - Hirose Electric RM15TP-C Datasheet HTML 4Page - Hirose Electric RM15TP-C Datasheet HTML 5Page - Hirose Electric RM15TP-C Datasheet HTML 6Page - Hirose Electric RM15TP-C Datasheet HTML 7Page - Hirose Electric RM15TP-C Datasheet HTML 8Page - Hirose Electric RM15TP-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
21
16
A
1.5
9
4.5
A maximum of 0.6mm
40
7
Part No.
HRS No.
No. of contacts
A
RM12BRB-2S
109-0577-3
2
21.6
RM12BRB-3S
109-0578-6
3
RM12BRB-4S
109-0579-9
4
RM12BRB-5S
109-0580-8
5
RM12BRB-6S(81)
109-0581-0 81
6
RM12BRB-7S
109-0615-0
7
Part No.
HRS No.
No. of contacts
RM12BJB-2S(07)
109-0638-6 07
2
RM12BJB-3S(07)
109-0639-9 07
3
RM12BJB-4S(07)
109-0640-8 07
4
RM12BJB-5S(07)
109-0641-0 07
5
RM12BJB-6S(81)
109-0642-3 81
6
RM12BJB-7S(07)
109-0643-6 07
7
Part No.
HRS No.
No. of contacts
A
RM12BRB-2PH
109-0817-5
2
20.5
RM12BRB-3PH
109-0818-8
3
RM12BRB-4PH
109-0819-0
4
RM12BRB-5PH
109-0820-0
5
RM12BRB-6PH
109-0821-2
6
RM12BRB-7PH
109-0822-5
7
Part No.
HRS No.
No. of contacts
RM12BJB-2PH
109-0829-4
2
RM12BJB-3PH
109-0830-3
3
RM12BJB-4PH
109-0831-6
4
RM12BJB-5PH
109-0832-9
5
RM12BJB-6PH
109-0833-1
6
RM12BJB-7PH
109-0834-4
7
(Representative example.)
(Representative example.)
Receptacle (Integral, square flange)
Jack
Remarks : 1. See page 12 for details on recommended panel cut-out.
2. Please note that the RM12BRB differs in mounting dimensions from the RM12BR-F.
4
RM Series
●Multi-contact Compact Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com