Electronic Components Datasheet Search
  English  ▼

X  

RM15TP-C Datasheet(PDF) 7 Page - Hirose Electric

Part # RM15TP-C
Description  Multi-contact Compact Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15TP-C Datasheet(HTML) 7 Page - Hirose Electric

Back Button RM15TP-C Datasheet HTML 3Page - Hirose Electric RM15TP-C Datasheet HTML 4Page - Hirose Electric RM15TP-C Datasheet HTML 5Page - Hirose Electric RM15TP-C Datasheet HTML 6Page - Hirose Electric RM15TP-C Datasheet HTML 7Page - Hirose Electric RM15TP-C Datasheet HTML 8Page - Hirose Electric RM15TP-C Datasheet HTML 9Page - Hirose Electric RM15TP-C Datasheet HTML 10Page - Hirose Electric RM15TP-C Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
B
C
6
D
21
6.5
2.5
Part No.
HRS No.
No. of contacts
ØA
B
C
D
RM21TR-15S(81)
109-0327-6 81
15
27
TM25×2
M22×0.75
23.5
RM21TR-15P(71)
109-0325-0 71
RM21TR-20S(81)
109-0328-9 81
20
RM21TR-20P(71)
109-0326-3 71
Remarks : 1. TM25x2 represents 30° trapezoidal thread profile.
2. See page 12 for details on recommended panel cut-out.
(Representative example.)
Receptacle (Jam nut to be fastened)
7
RM Series
●Multi-contact Compact Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com