Electronic Components Datasheet Search
  English  ▼

X  

RM15TP-C Datasheet(PDF) 12 Page - Hirose Electric

Part # RM15TP-C
Description  Multi-contact Compact Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15TP-C Datasheet(HTML) 12 Page - Hirose Electric

Back Button RM15TP-C Datasheet HTML 5Page - Hirose Electric RM15TP-C Datasheet HTML 6Page - Hirose Electric RM15TP-C Datasheet HTML 7Page - Hirose Electric RM15TP-C Datasheet HTML 8Page - Hirose Electric RM15TP-C Datasheet HTML 9Page - Hirose Electric RM15TP-C Datasheet HTML 10Page - Hirose Electric RM15TP-C Datasheet HTML 11Page - Hirose Electric RM15TP-C Datasheet HTML 12Page - Hirose Electric RM15TP-C Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Remarks : Use a 0.5 ~ 2 mm thickness panel for all shell sizes.
Sign
Nut tightening
Square flange
12
15
21
12
BRD
QRD
TRH · TRD
TR
BRB
ØA
14.1
17.1
22.1
14.5
B
6.1
7.6
----------------------
----------------------
C
----------------------
----------------------
----------------------
12.65
----------------------
D
----------------------
----------------------
----------------------
----------------------
1.6
ØE
----------------------
----------------------
----------------------
----------------------
2.9
Remarks : The dimensional tolerance to be +0.1 / 0.
Receptacle-recommended panel cut-out
For jam nut type
For square flange type
Recommended panel cut-out for shell
sizes 12 and 15
Recommended panel cut-out for shell
sizes 21
ØA
1.6
ØA
D
4רE
ØA
Mounting method
Locking
mechanism
Shell size
Contact Position Arrangement and Specifications
Shell size : 12
Shell size : 15
Contact
arrangement
21
2
1
3
2
3
41
3
4
2
1
5
7
5
2
6
4
1
3
1
2
3
2
1
4
No. of contacts
2
3
4
5
7
2
4
Withstanding
voltage
AC 1,800V for
one minute
AC 1,500V for one minute
AC 1,000V for one minute
AC 1,800V for
one minute
AC 1,500V for
one minute
Rated current
5A
10A
Insulation
resistance
1,000Mø min.
1,000Mø min.
Contact
resistance
4mø max.
2mø max.
Inner diameter
of solder pot
Ø1.1mm
Ø1.7mm
Shell size : 15
Shell size : 21
Contact
arrangement
12
11
7
9
54
2
8
6
10
3
1
15
14
13
10
9
8
7
6
5
4
3
2
11
12
1
12
15
16
17
18
19
1
2
3
4
5
14
6
7
8
9
10
20 13
11
15
14
13
10
9
8
7
6
5
4
3
2
11
12
1
12
15
16
17
18
19
1
2
3
4
5
14
6
7
8
9
10
20 13
11
No. of contacts
8
10
12
15
20
Withstanding
voltage
AC 1,500V for
one minute
AC 1,000V for one minute
AC 1,500V for
one minute
AC 1,000V for
one minute
Rated current
5A
5A
Insulation
resistance
1,000Mø min.
1,000Mø min.
Contact
resistance
4mø max.
4mø max.
Inner diameter
of solder pot
Ø1.1mm
Ø1.1mm
Remarks
1. The above figures show contact arrangements viewed from the mating end of the connectors with female contacts.
2. The "▼" marks shown in the above figures represent the position of the receptacle mating guide.
3. Withstanding voltages are shown as test voltages.
12
RM Series
●Multi-contact Compact Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com