Electronic Components Datasheet Search
  English  ▼

X  

RM15TP-C Datasheet(PDF) 1 Page - Hirose Electric

Part # RM15TP-C
Description  Multi-contact Compact Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15TP-C Datasheet(HTML) 1 Page - Hirose Electric

  RM15TP-C Datasheet HTML 1Page - Hirose Electric RM15TP-C Datasheet HTML 2Page - Hirose Electric RM15TP-C Datasheet HTML 3Page - Hirose Electric RM15TP-C Datasheet HTML 4Page - Hirose Electric RM15TP-C Datasheet HTML 5Page - Hirose Electric RM15TP-C Datasheet HTML 6Page - Hirose Electric RM15TP-C Datasheet HTML 7Page - Hirose Electric RM15TP-C Datasheet HTML 8Page - Hirose Electric RM15TP-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018.7
⑤
Multi-contact Compact Circular Connectors
RM Series
Product Specifications
Ratings
Rated current
[RM15]
10A (2 and 4 contacts)
5A (8, 10, and 12 contacts)
[RM12, 21] 5A
Operating
temperature
range
-25 to +85ç
Rated voltage
[RM12]
AC 600V, DC 840V (2 contacts)
AC 500V, DC 700V (3 and 4 contacts)
AC 350V, DC 490V (5, 6 and 7 contacts)
[RM15]
AC 600V, DC 840V (2 contacts)
AC 500V, DC 700V (4 and 8 contacts)
AC 350V, DC 490V (10 and 12 contacts)
[RM21]
AC 500V, DC 700V (15 contacts)
AC 350V, DC 490V (20 contacts)
Storage
temperature
range
-10 to +60ç
Items
Specifications
Conditions
1. Contact
resistance
[RM12, 21] 4mø max.
[RM15] 4mø max. (8, 10, and 12 contacts)
[RM15] 2mø max. (2 and 4 contacts)
Measured at DC 1A
2. Insulation
resistance
1,000Mø min.
Measured at DC 500V
3. Withstanding
voltage
No flashover or dielectric breakdown.
[RM12] AC 1,800V for 1 minute (2 contacts)
AC 1,500V for 1 minute (3 and 4 contacts)
AC 1,000V for 1 minute (5, 6 and 7 contacts)
[RM15] AC 1,800V for 1 minute (2 contacts)
AC 1,500V for 1 minute (4 and 8 contacts)
AC 1,000V for 1 minute (10 and 12 contacts)
[RM21] AC 1,500V for 1 minute (15 contacts)
AC 1,000V for 1 minute (20 contacts)
4. Vibration
resistance
No electrical discontinuity for 10µs. or greater
10 to 55Hz/cycle, full amplitude : 0.75mm, 3 axis directions,
2 hours each
5. Shock
resistance
No electrical discontinuity for 10µs. or greater
Acceleration : 490m/s
2, duration : 11ms
3 axis directions, 3 times each
6. Mating cycles
Contact resistance : 8mø max.
2,000 times
7. Temperature
cycle
Insulation resistance : 100Mø min.
-55°C : 30 minutes ➝ Normal temperature : 10 to 15 minutes
➝ 85°C : 30 minutes ➝ Normal temperature : 10 to 15
minutes, left for 5 cycles
8. Moisture
resistance
Insulation resistance : 100Mø min. (when dry)
Temperature : 40°C, relative humidity : 90 to 95%, left for
96 hours
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.
Features
1. Wide variations
The RM Series provides a wide selection of
plug and receptacle types to satisfy various
kinds of application requirements.
Available position counts : 2, 3, 4, 5, 6, 7, 8,
10, 12, 15, and 20.
Available lock mechanisms : threaded
coupling type, bayonet sleeve type, and
quick detachable type.
1


Similar Part No. - RM15TP-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM15TP-CPA-15P HIROSE-RM15TP-CPA-15P Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM15TP-CPA-15P HIROSE-RM15TP-CPA-15P Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM15TP-CPA-15S HIROSE-RM15TP-CPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM15TP-CPA-15S HIROSE-RM15TP-CPA-15S Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
More results

Similar Description - RM15TP-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR22-12WTPA-20SC HIROSE-HR22-12WTPA-20SC Datasheet
311Kb / 8P
HR22 SERIES HIGH-PERFORMANCE COMPACT CIRCULAR CONNECTORS
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
Hirose Electric
HR22-12WTPA-20SC HIROSE-HR22-12WTPA-20SC_1 Datasheet
464Kb / 9P
HR22 SERIES HIGH-PERFORMANCE COMPACT CIRCULAR CONNECTORS
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
General-purpose Multi-Contact Circular Waterproof Connectors
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
DIN circular connectors
010599 LUMBERG-010599 Datasheet
459Kb / 3P
DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Harwin Plc
S70-332002045R HARWIN-S70-332002045R Datasheet
64Kb / 1P
SMT CIRCULAR CONTACT PAD
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com