Electronic Components Datasheet Search
  English  ▼

X  

RM15TP-C Datasheet(PDF) 11 Page - Hirose Electric

Part # RM15TP-C
Description  Multi-contact Compact Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15TP-C Datasheet(HTML) 11 Page - Hirose Electric

Back Button RM15TP-C Datasheet HTML 5Page - Hirose Electric RM15TP-C Datasheet HTML 6Page - Hirose Electric RM15TP-C Datasheet HTML 7Page - Hirose Electric RM15TP-C Datasheet HTML 8Page - Hirose Electric RM15TP-C Datasheet HTML 9Page - Hirose Electric RM15TP-C Datasheet HTML 10Page - Hirose Electric RM15TP-C Datasheet HTML 11Page - Hirose Electric RM15TP-C Datasheet HTML 12Page - Hirose Electric RM15TP-C Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Contact
Male contact
Type
Part No.
HRS No.
B
C
Applicable wire size
Loose piece
contacts
RM-PC-112
109-0668-7
1.6
2.0
20 to 24 AWG
RM-PC-122
109-0672-4
1.45
1.5
24 to 28 AWG
Reel
contacts
RM-PC-212
109-0670-9
1.6
2.0
20 to 24 AWG
RM-PC-222
109-0674-0
1.45
1.5
24 to 28 AWG
Female contact
Type
Part No.
HRS No.
B
C
Applicable wire size
Loose piece
contacts
RM-SC-112
109-0669-0
1.6
2.0
20 to 24 AWG
RM-SC-122
109-0673-7
1.45
1.5
24 to 28 AWG
Reel
contacts
RM-SC-212
109-0671-1
1.6
2.0
20 to 24 AWG
RM-SC-222
109-0675-2
1.45
1.5
24 to 28 AWG
Note : Loose piece contacts are available in 100 pcs/pack. Reel contacts are available in 8,000 pcs/reel.
Applicable tools
Type
Items
Part No.
HRS No.
Applicable contact
Applicable wire size
Manual
Manual crimping
tool
HT802/RM-11
150-0401-6
RM-PC-112
20 to 24 AWG
RM-SC-112
HT802/RM-12
150-0402-9
RM-PC-122
24 to 28 AWG
RM-SC-122
Automatic
Automatic crimping
press
CM-105C
901-0001-0
----------------------
----------------------
Applicator
AP-105-RM-1
901-2017-4
RM-PC-212
20 to 24 AWG
RM-SC-212
AP-105-RM-2
901-2018-7
RM-PC-222
24 to 28 AWG
RM-SC-222
Extraction tool
RM-TP
150-0008-7
----------------------
----------------------
Manual crimping tool
Contact extraction tool
Automatic crimping
press (Type CM-105C)
A-A
A
A
B
16.7
A-A
A
A
17
B
How to use the RM15Q connectors (quick detachable type)
1. Insertion
2.Extraction
For smooth mating, while holding the plug tube, match the
guide of the receptacle with the key-way on the plug and
push straight it in as shown in the above figure.
To unmate, hold the locking sleeve and twist it approximately
30 degrees to the left, then pull it straight off as shown in the
above figure.
11
RM Series
●Multi-contact Compact Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com