Electronic Components Datasheet Search
  English  ▼

X  

RM15TP-C Datasheet(PDF) 2 Page - Hirose Electric

Part # RM15TP-C
Description  Multi-contact Compact Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15TP-C Datasheet(HTML) 2 Page - Hirose Electric

  RM15TP-C Datasheet HTML 1Page - Hirose Electric RM15TP-C Datasheet HTML 2Page - Hirose Electric RM15TP-C Datasheet HTML 3Page - Hirose Electric RM15TP-C Datasheet HTML 4Page - Hirose Electric RM15TP-C Datasheet HTML 5Page - Hirose Electric RM15TP-C Datasheet HTML 6Page - Hirose Electric RM15TP-C Datasheet HTML 7Page - Hirose Electric RM15TP-C Datasheet HTML 8Page - Hirose Electric RM15TP-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Plug
RM 15 T P A - 2S (**)
q
w
ert
y
u
i
qModel name : RM Series (Round Miniature Series)
wShell size : The shell size refers to the outer shell diameter of the mating interface of the plug.
eLock mechanism
T : Threaded coupling type
B : Bayonet sleeve type
Q : Quick detachable type
rConnector type
(1)
P : Plug
J : Jack
P-C : Plug cap
R-F : Square flange for receptacle
(2)
R : Receptacle
R-C : Receptacle cap
R-B : Cord bushing
tForm variation class : Indicates a variation or change within the series.
yNumber of contacts
uContact form
P : Male contact
S : Female contact
iOther specifications : A two-digit number is added to indicate other specifications.
Materials / Finish
Items
Material
Finish
Remarks
Plated shell
Brass, zinc alloy
Aluminum alloy
Nickel plating
Chromium plating
----------------------
Insulator
Diallyl phthalate resin
Polycarbonate resin, PPS
----------------------
UL94V-0
(Black)
Contact
Brass or copper alloy
Silver plating
----------------------
Please note that materials will differ depending on the actual part number.
2
RM Series
●Multi-contact Compact Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com