Electronic Components Datasheet Search
  English  ▼

X  

ADV7310KST Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7310KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310KST Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7310KST Datasheet HTML 35Page - Analog Devices ADV7310KST Datasheet HTML 36Page - Analog Devices ADV7310KST Datasheet HTML 37Page - Analog Devices ADV7310KST Datasheet HTML 38Page - Analog Devices ADV7310KST Datasheet HTML 39Page - Analog Devices ADV7310KST Datasheet HTML 40Page - Analog Devices ADV7310KST Datasheet HTML 41Page - Analog Devices ADV7310KST Datasheet HTML 42Page - Analog Devices ADV7310KST Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
REV. A
ADV7310/ADV7311
–39–
FILTER SECTION
Table VI shows an overview of the programmable filters available
on the ADV7310/ADV7311.
Table VI. Selectable Filters
Filter
Subaddress
SD Luma LPF NTSC
40h
SD Luma LPF PAL
40h
SD Luma Notch NTSC
40h
SD Luma Notch PAL
40h
SD Luma SSAF
40h
SD Luma CIF
40h
SD Luma QCIF
40h
SD Chroma 0.65 MHz
40h
SD Chroma 1.0 MHz
40h
SD Chroma 1.3 MHz
40h
SD Chroma 2.0 MHz
40h
SD Chroma 3.0 MHz
40h
SD Chroma CIF
40h
SD Chroma QCIF
40h
SD UV SSAF
42h
HD Chroma Input
13h
HD Sinc Filter
13h
HD Chroma SSAF
13h
HD Sinc Filter
FREQUENCY (MHz)
0.5
–0.5
30
5
0
10
15
20
25
0.4
0.1
–0.2
–0.3
–0.4
0.3
0.2
0
–0.1
Figure 36. HD Sinc Filter Enabled
FREQUENCY (MHz)
0.5
–0.5
30
5
0
10
15
20
25
0.4
0.1
–0.2
–0.3
–0.4
0.3
0.2
0
–0.1
Figure 37. HD Sinc Filter Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com