Electronic Components Datasheet Search
  English  ▼

X  

ADV7310KST Datasheet(PDF) 65 Page - Analog Devices

Part # ADV7310KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310KST Datasheet(HTML) 65 Page - Analog Devices

Back Button ADV7310KST Datasheet HTML 61Page - Analog Devices ADV7310KST Datasheet HTML 62Page - Analog Devices ADV7310KST Datasheet HTML 63Page - Analog Devices ADV7310KST Datasheet HTML 64Page - Analog Devices ADV7310KST Datasheet HTML 65Page - Analog Devices ADV7310KST Datasheet HTML 66Page - Analog Devices ADV7310KST Datasheet HTML 67Page - Analog Devices ADV7310KST Datasheet HTML 68Page - Analog Devices ADV7310KST Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
REV. A
ADV7310/ADV7311
–65–
The following register settings are used to generate an SD NTSC
CVBS output on DAC A:
Register
Subaddress
Setting
00h
80h
40h
10h
42h
40h
44h
40h
4Ah
08h
All other registers are set as normal/default.
For PAL CVBS output on DAC A, the same settings are used
except that subaddress = 40h and register setting = 11h.
The following register settings are used to generate an SD NTSC
black bar pattern output on DAC A:
Register
Subaddress
Setting
00h
80h
02h
04h
40h
10h
42h
40h
44h
40h
4Ah
08h
All other registers are set as normal/default.
For PAL black bar pattern output on DAC A, the same settings
are used except that subaddress = 40h and register setting = 11h.
The following register settings are used to generate a 525p hatch
pattern on DAC D:
Register
Subaddress
Setting
00h
10h
01h
10h
10h
40h
11h
05h
16h
A0h
17h
80h
18h
80h
All other registers are set as normal/default.
For 625p hatch pattern on DAC D, the same register settings
are used except that subaddress = 10h and register setting = 50h.
For a 525p black bar pattern output on DAC D, the same settings
are used as above except that subaddress = 02h and register
setting = 24h.
For 625p black bar pattern output on DAC D, the same settings
are used as above except that subaddress = 02h and register
setting = 24h; and subaddress = 10h and register setting = 50h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com