Electronic Components Datasheet Search
  English  ▼

X  

ADV7310KST Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7310KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310KST Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7310KST Datasheet HTML 17Page - Analog Devices ADV7310KST Datasheet HTML 18Page - Analog Devices ADV7310KST Datasheet HTML 19Page - Analog Devices ADV7310KST Datasheet HTML 20Page - Analog Devices ADV7310KST Datasheet HTML 21Page - Analog Devices ADV7310KST Datasheet HTML 22Page - Analog Devices ADV7310KST Datasheet HTML 23Page - Analog Devices ADV7310KST Datasheet HTML 24Page - Analog Devices ADV7310KST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
REV. A
ADV7310/ADV7311
–21–
NOTES
1When set to 0, the line and field counters automatically wrap around at the end of the field/frame of the standard selected. When set to 1, the field/line counters are
free running and wrap around when external sync signals indicate so.
2Adaptive Filter mode is not available in PS only @ 54 MHz input mode.
SR7–
SR0
Register
Bit Description
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
13h
HD Cr/Cb Sequence
0
Cb after falling edge of
HSYNC
1Cr after falling edge of
HSYNC
Reserved
00 must be written to this
bit
HD Input Format
0
8-bit input
1
10-bit input
0Disabled
1
Enabled
Reserved
0
0 must be written to this
bit
HD Chroma SSAF
0
Disabled
1
Enabled
HD Chroma Input
0
4:4:4
14:2:2
HD Double Buffering
0
Disabled
1
Enabled
14h
HD Mode
Register 5
HD Timing Reset
xA low-high-low transition
resets the internal HD
timing counters
00h
00
30 Hz/2200 total
samples/lines
01
25 Hz/2640 total
samples/lines
Reserved
0
0
0
0
0 must be written to these
bits
HD
VSYNC/Field Input
0
0 = Field Input
1
1 =
VSYNC Input
Lines/Frame
1
0
Update field/line counter
1Field/line counter free
running
15h
Reserved
00 must be written to this
bit
00h
0Disabled
1
Enabled
0Disabled
1
Enabled
0
DAC E = Pb;
DAC F = Pr
1
DAC E = Pr;
DAC F = Pb
0
Gamma Curve A
1
Gamma Curve B
0Disabled
1
Enabled
0
Mode A
1
Mode B
0Disabled
1
Enabled
HD Mode
Register 4
HD Mode
Register 6
HD RGB Input
HD Sync on PrPb
Sinc Filter on DAC D, E, F
1080i Frame Rate
HD Adaptive Filter Enable
2
HD Color DAC Swap
HD Gamma Curve A/B
HD Gamma Curve Enable
HD Adaptive Filter Mode
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com