Electronic Components Datasheet Search
  English  ▼

X  

ADV7310KST Datasheet(PDF) 43 Page - Analog Devices

Part # ADV7310KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310KST Datasheet(HTML) 43 Page - Analog Devices

Back Button ADV7310KST Datasheet HTML 39Page - Analog Devices ADV7310KST Datasheet HTML 40Page - Analog Devices ADV7310KST Datasheet HTML 41Page - Analog Devices ADV7310KST Datasheet HTML 42Page - Analog Devices ADV7310KST Datasheet HTML 43Page - Analog Devices ADV7310KST Datasheet HTML 44Page - Analog Devices ADV7310KST Datasheet HTML 45Page - Analog Devices ADV7310KST Datasheet HTML 46Page - Analog Devices ADV7310KST Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
REV. A
ADV7310/ADV7311
–43–
FREQUENCY (MHz)
4
01234
7
2
–2
–6
–8
–12
0
–4
5
–10
6
TPC 13. Luma SSAF Filter—Programmable Responses
FREQUENCY (MHz)
01234
7
5
4
2
1
–1
3
5
0
6
TPC 14. Luma SSAF Filter—Programmable Gain
FREQUENCY (MHz)
01234
7
1
0
–2
–3
–5
–1
5
–4
6
TPC 15. Luma SSAF Filter—Programmable Attenuation
FREQUENCY (MHz)
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
TPC 16. Luma CIF Low-Pass Filter
FREQUENCY (MHz)
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
TPC 17. Luma QCIF Low-Pass Filter
FREQUENCY (MHz)
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
TPC 18. Chroma 3.0 MHz Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com